Electronic Components Datasheet Search
  English  ▼

X  

SBS005 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBS005
Description  30V, 1A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBS005 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBS005 Datasheet HTML 1Page - Sanyo Semicon Device SBS005 Datasheet HTML 2Page - Sanyo Semicon Device SBS005 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBS005
No.6273–2/3
trr Test Circuit
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
µs
Is
20ms
t
180
°
360
°
θ
360
°
¤ ‹
›
⁄
7 0.01
27 0.1
0
52
2
3
3
37 1.0
5
12
10
8
6
4
2
Time, t -- s
IS -- t
1.0
10
2
2
3
5
100
1000
1.0
10
7
2
3
5
7
2
3
5
7
35
7
2
3
5
7
100
Reverse Voltage, VR -- V
C -- VR
f=1MHz
0
100
10
1.0
0.1
0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
30
15
25
520
10
Reverse Voltage, VR -- V
IR -- VR
0
0
0.2
0.4
0.6
0.8
1.0
0.8
0.9
0.7
0.6
0.4
0.3
0.2
0.1
0.5
1.0
1.2
1.4
Average Forward Current, IO -- A
PF(AV) -- IO
0
0.1
0.01
0.3
0.4
0.5
0.1
0.2
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
0.6
Forward Voltage, VF -- V
IF -- VF
Ta=125
°C
25°C
50°C
75°C
100°C
IT00627
IT00628
IT00629
IT00631
IT00630
⁄Rectangular wave
θ=60°
¤Rectangular wave
θ=120°
‹Rectangular wave
θ=180°
›Sine wave
θ=180°
Rectangular wave
Sine wave
Current waveform 50Hz sine wave



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com