Electronic Components Datasheet Search
  English  ▼

X  

GLW3801C Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # GLW3801C
Description  ?3 Flush Mount Type LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GLW3801C Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  GLW3801C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. GLW3801C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
φ3 Flush Mount Type LED
G□□3801C
2010.3.10
Page 2
(Ta=25℃)
TYP.
IF (mA)
TYP.
IF (mA)
MIN.
TYP.
IF (mA)
GSW3801C
White
0.31,0.32
5
−
−
800
1,600
5
GLW3801C
White
0.31,0.32
5
−
−
135
310
5
GSB3801C
Blue
−
−
470
5
600
1,200
5
GSG3801C
Green
−
−
530
5
1,400
2,800
5
Iv (mcd)
Lens
Color
Emitted
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)
Chromaticity
Coordinates
x,y
Water
Clear
Part No.
Material
InGaN
Color and Luminous Intensity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com