Electronic Components Datasheet Search
  English  ▼

X  

IXFA7N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFA7N80P
Description  Polar HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA7N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFA7N80P Datasheet HTML 1Page - IXYS Corporation IXFA7N80P Datasheet HTML 2Page - IXYS Corporation IXFA7N80P Datasheet HTML 3Page - IXYS Corporation IXFA7N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
800
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C7
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
18
A
I
A
T
C = 25°C4
A
E
AS
T
C = 25°C
300
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
T
sold
Plastic Body for 10 Seconds
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
IXFA7N80P
IXFP7N80P
V
DSS
= 800V
I
D25
= 7A
R
DS(on) ≤
≤≤≤≤ 1.44
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
DS99597F(04/10)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263 AA (IXFA)
G
D S
TO-220AB (IXFP)
D (Tab)
G
S
D (Tab)
PolarTM HiPerFETTM
Power MOSFET
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
800
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.0
5.0
V
I
GSS
V
GS = ± 30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
μA
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Notes 1, 2
1.44
Ω
Features
International Standard Packages
Dynamic dv/dt Rating
Avalanche Rated
Fast Intrinsic Rectifier
Low Q
G
Advantages
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
Uninterrupted Power Supplies
AC Motor Drives
High Speed Power Switching
Applications


Similar Part No. - IXFA7N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA7N80P IXYS-IXFA7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFA7N80P IXYS-IXFA7N80P Datasheet
260Kb / 5P
Power MOSFET
logo
Inchange Semiconductor ...
IXFA7N80P ISC-IXFA7N80P Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFA7N80P IXYS-IXFA7N80P_V01 Datasheet
260Kb / 5P
Power MOSFET
More results

Similar Description - IXFA7N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com