Electronic Components Datasheet Search
  English  ▼

X  

SGF25 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SGF25
Description  For C- to X-band local oscillator and amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SGF25 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SGF25 Datasheet HTML 1Page - Sanyo Semicon Device SGF25 Datasheet HTML 2Page - Sanyo Semicon Device SGF25 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SGF25
No.5820-2/3
Vds=3V, Ids=10mA
SGF25
Vds=3V, Ids=20mA
SGF25
Frequency
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
3000.0000
0.680
Ð98.6
3.086
93.5
0.131
27.6
0.556
Ð68.8
4000.0000
0.621
Ð123.5
2.750
72.2
0.130
16.3
0.480
Ð85.8
5000.0000
0.584
Ð147.0
2.445
51.8
0.128
8.1
0.418
Ð102.7
6000.0000
0.564
Ð168.7
2.175
32.6
0.128
2.7
0.372
Ð120.5
7000.0000
0.561
171.7
1.943
14.4
0.133
Ð1.3
0.343
Ð140.0
8000.0000
0.570
153.6
1.747
Ð2.9
0.141
Ð5.5
0.332
Ð161.5
9000.0000
0.590
136.8
1.579
Ð19.6
0.152
Ð10.4
0.339
175.7
10000.0000
0.616
120.9
1.431
Ð35.9
0.166
Ð16.1
0.364
153.2
11000.0000
0.648
105.7
1.297
Ð51.8
0.183
Ð22.7
0.403
131.8
12000.0000
0.684
91.1
1.174
Ð67.3
0.203
Ð30.6
0.454
112.2
13000.0000
0.724
77.1
1.059
Ð82.4
0.225
Ð39.9
0.511
94.1
14000.0000
0.765
63.5
0.951
Ð97.1
0.247
Ð50.6
0.570
77.0
15000.0000
0.805
50.1
0.847
Ð111.4
0.266
Ð62.2
0.627
60.6
Frequency
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
3000.0000
0.626
Ð107.6
3.654
89.5
0.112
30.7
0.465
Ð71.1
4000.0000
0.576
Ð132.7
3.187
68.6
0.113
22.4
0.395
Ð87.4
5000.0000
0.548
Ð155.9
2.779
49.0
0.116
16.9
0.340
Ð103.7
6000.0000
0.539
Ð176.8
2.435
30.6
0.123
12.8
0.301
Ð121.4
7000.0000
0.544
164.5
2.153
13.2
0.134
8.3
0.278
Ð141.5
8000.0000
0.561
147.3
1.924
Ð3.3
0.149
2.6
0.272
Ð164.0
9000.0000
0.586
131.3
1.735
Ð19.3
0.165
Ð4.4
0.283
172.2
10000.0000
0.616
116.0
1.573
Ð35.0
0.182
Ð12.1
0.312
149.1
11000.0000
0.650
101.4
1.428
Ð50.4
0.200
Ð20.5
0.355
127.9
12000.0000
0.688
87.5
1.297
Ð65.5
0.220
Ð29.7
0.409
108.8
13000.0000
0.728
74.0
1.176
Ð80.4
0.240
Ð40.0
0.469
91.2
14000.0000
0.771
60.8
1.063
Ð95.0
0.259
Ð51.2
0.530
74.7
15000.0000
0.812
47.9
0.955
Ð109.4
0.276
Ð63.0
0.589
58.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com