Electronic Components Datasheet Search
  English  ▼

X  

SY88923KG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88923KG
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923KG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88923KG Datasheet HTML 1Page - Micrel Semiconductor SY88923KG Datasheet HTML 2Page - Micrel Semiconductor SY88923KG Datasheet HTML 3Page - Micrel Semiconductor SY88923KG Datasheet HTML 4Page - Micrel Semiconductor SY88923KG Datasheet HTML 5Page - Micrel Semiconductor SY88923KG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY88923
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ Up to 2.5Gbps operation
■ Low noise
■ Chatter-Free LOS generation
■ Open Collector TTL LOS output
■ TTL /EN Input
■ Differential PECL inputs for data
■ Single power supply
■ Designed for use with SY88922 and SY88904 or
SY88905
■ Available in a tiny 10-pin (3mm) MSOP
The SY88923 limiting post amplifier with its high gain
and wide bandwidth is ideal for use as a post amplifier in
fiber-optic receivers with data rates up to 2.5Gbps. Signals
as small as 5mVp-p can be amplified to drive devices with
PECL inputs. The SY88923 generates a chatter-free Loss
of Signal (LOS) open collector TTL output.
The SY88923 incorporates a programmable level detect
function to identify when the input signal has been lost.
This information can be fed back to the /EN input of the
device to maintain stability under loss of signal condition.
Using LOSLVL pin, the sensitivity of the level detection can
be adjusted. The LOSLVL voltage can be set by connecting
a resistor divider between VCC and VREF. Figure 3 and
Figure 4 show the relationship between input level sensitivity
and the voltage set on LOSLVL. Figure 5 shows the
relationship between input level sensitivity and resistor
divider ratio.
The LOS output is a TTL open collector output that
requires a pull-up resistor for proper operation, Figure 1.
FEATURES
2.5Gbps HIGH-SPEED
LIMITING POST AMPLIFIER
Not recommended for new designs
SY88923
APPLICATIONS
■ 1.25Gbps Gigabit Ethernet
■ 531Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit interface converter
■ 2.5Gbps SDH/SONET
BLOCK DIAGRAM
Figure 1. LOS Output with Desired Rise Time
SY88923
LOS
+5.0V
2.5k
Limiting
Amplifer
ECL
Buffer
DIN
DIN
VREF
VCC
GND
LOSLVL
Enable
Level
Detect
DOUT
DOUT
EN
LOS
Rev.: F
Amendment: /0
Issue Date:
June 2007


Similar Part No. - SY88923KG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923KG MICREL-SY88923KG Datasheet
79Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923KG MICREL-SY88923KG Datasheet
100Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923KGTR MICREL-SY88923KGTR Datasheet
79Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923KGTR MICREL-SY88923KGTR Datasheet
100Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88923KG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_06 Datasheet
79Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com