Electronic Components Datasheet Search
  English  ▼

X  

IXFB44N100Q3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFB44N100Q3
Description  HiperFET Power MOSFET Q3-Class
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFB44N100Q3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFB44N100Q3 Datasheet HTML 1Page - IXYS Corporation IXFB44N100Q3 Datasheet HTML 2Page - IXYS Corporation IXFB44N100Q3 Datasheet HTML 3Page - IXYS Corporation IXFB44N100Q3 Datasheet HTML 4Page - IXYS Corporation IXFB44N100Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
44
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
110
A
I
A
T
C = 25°C
44
A
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
50
V/ns
P
D
T
C = 25°C
1560
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force
30..120/6.7..27
N/lb.
Weight
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.5
6.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
μA
T
J = 125°C
3 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
220 m
Ω
HiperFETTM
Power MOSFET
Q3-Class
IXFB44N100Q3
V
DSS
=
1000V
I
D25
=
44A
R
DS(on) ≤
≤≤≤≤
220m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
300ns
DS100307(03/11)
N-Channel Enhancement Mode
Fast Intrinsic Rectifier
Features
Low Intrinsic Gate Resistance
Low Package Inductance
Fast Intrinsic Rectifier
Low R
DS(on) and QG
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperature and Lighting Controls
Advance Technical Information
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS264TM
Tab
S
G
D


Similar Part No. - IXFB44N100Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB44N100P IXYS-IXFB44N100P Datasheet
129Kb / 4P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFB44N100Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB100N50Q3 IXYS-IXFB100N50Q3 Datasheet
149Kb / 5P
HiperFET Power MOSFET Q3-Class
IXFK32N100Q3 IXYS-IXFK32N100Q3 Datasheet
132Kb / 5P
HiperFET Power MOSFETs Q3-Class
IXFK80N50Q3 IXYS-IXFK80N50Q3 Datasheet
132Kb / 5P
HiperFET Power MOSFETs Q3-Class
IXFN44N100Q3 IXYS-IXFN44N100Q3 Datasheet
129Kb / 5P
HiperFET Power MOSFET Q3-Class
IXFN80N50Q3 IXYS-IXFN80N50Q3 Datasheet
131Kb / 5P
HiperFET Power MOSFET Q3-Class
IXFN100N50Q3 IXYS-IXFN100N50Q3 Datasheet
131Kb / 5P
HiperFET Power MOSFET Q3-Class
IXFH70N30Q3 IXYS-IXFH70N30Q3 Datasheet
138Kb / 5P
HiperFET Power MOSFETs Q3-Class
IXFK64N50Q3 IXYS-IXFK64N50Q3 Datasheet
132Kb / 5P
HiperFET Power MOSFETs Q3-Class
IXFN82N60Q3 IXYS-IXFN82N60Q3 Datasheet
130Kb / 5P
HiperFET Power MOSFET Q3-Class
IXFR32N80Q3 IXYS-IXFR32N80Q3 Datasheet
143Kb / 5P
HiperFET Power MOSFET Q3-Class
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com