Electronic Components Datasheet Search
  English  ▼

X  

SPM3255 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SPM3255
Description  Single Power Supply Operation RF Switch MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPM3255 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SPM3255 Datasheet HTML 1Page - Sanyo Semicon Device SPM3255 Datasheet HTML 2Page - Sanyo Semicon Device SPM3255 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPM3255
No.6351–2/3
Sample Application Circuit
CTL -- RX
CTL -- TX
ANT
RX
TX
(
Zo = 50
Ω)
0
--1
--2
--3
--4
--5
25
20
15
10
5
0
--5
--10
--15
--20
--25
--30
510
15
20
25
0
510
15
20
25
30
0
10
15
20
25
5
0
Input power(dBm)
Insertion loss -- Input power
Vctl+3 / 0V, f=900MHz
Input power(dBm)
Input-output Characteristics
Vctl+3 / 0V, f=900MHz
Input power(dBm)
Isolation -- Input power
Vctl+3 / 0V, f=900MHz
0
--1
--2
--3
--4
--5
1.0
1.5
2.0
2.5
3.0
0.5
Frequency(GHz)
Frequency(GHz)
Insertion loss -- Frequency
Vctl+3 / 0V, Pin=+10dBm
Vctl+3 / 0V, Pin=+10dBm
--5
--10
--15
--20
--25
--30
1.0
1.5
2.0
2.5
3.0
0.5
Isolation -- Frequency
IT01413
IT01414
IT01415
IT01417
IT01416



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com