Electronic Components Datasheet Search
  English  ▼

X  

IXFX32N100Q3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX32N100Q3
Description  HiperFET Power MOSFETs Q3-Class
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX32N100Q3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX32N100Q3 Datasheet HTML 1Page - IXYS Corporation IXFX32N100Q3 Datasheet HTML 2Page - IXYS Corporation IXFX32N100Q3 Datasheet HTML 3Page - IXYS Corporation IXFX32N100Q3 Datasheet HTML 4Page - IXYS Corporation IXFX32N100Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXFK32N100Q3
IXFX32N100Q3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
4
8
12
16
20
24
28
32
012345
6789
10
VDS - Volts
VGS = 10V
6V
7V
8V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
7V
6V
8V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
4
8
12
16
20
24
28
32
0
5
10
15
20
25
VDS - Volts
6V
7V
5V
VGS = 10V
Fig. 4. RDS(on) Normalized to ID = 16A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 32A
I D = 16A
Fig. 5. RDS(on) Normalized to ID = 16A Value vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0
10
20
3040
5060
70
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com