Electronic Components Datasheet Search
  English  ▼

X  

IXFL38N100P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFL38N100P
Description  Polar Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL38N100P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFL38N100P Datasheet HTML 1Page - IXYS Corporation IXFL38N100P Datasheet HTML 2Page - IXYS Corporation IXFL38N100P Datasheet HTML 3Page - IXYS Corporation IXFL38N100P Datasheet HTML 4Page - IXYS Corporation IXFL38N100P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFL38N100P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 19A, Note 1
18
29
S
C
iss
24
nF
C
oss
V
GS
= 0V, V
DS = 25V, f = 1MHz
1245
pF
C
rss
80
pF
R
Gi
Gate input resistance
0.78
Ω
t
d(on)
74
ns
t
r
55
ns
t
d(off)
71
ns
t
f
40
ns
Q
g(on)
350
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 19A
150
nC
Q
gd
150
nC
R
thJC
0.24 °C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Characteristic Values
T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
38
A
I
SM
Repetitive, Pulse Width Limited by T
JM
150
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
300 ns
Q
RM
2.5
μC
I
RM
17
A
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
I
F = 25A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 19A
R
G = 1Ω (External)
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
ISOPLUS i5-PakTM HV (IXFL) Outline
PIN 1 = Gate
PIN 2 = Source
PIN 3 = Drain
Tap 4 = Electricall isolated 2500V
SYM
INCHES
MILLIMETER
MIN
MAX
MIN
MAX
A
0.190
0.205
4.83
5.21
A1
0.102
0.118
2.59
3.00
A2
0.046
0.055
1.17
1.40
b
0.045
0.055
1.14
1.40
b1
0.063
0.072
1.60
1.83
b2
0.058
0.068
1.47
1.73
c
0.020
0.029
0.51
0.74
D
1.020
1.040
25.91
26.42
E
0.770
0.799
19.56
20.29
e
0.150 BSC
3.81 BSC
e1
0.450 BSC
11.43 BSC
L
0.780
0.820
19.81
20.83
L1
0.080
0.102
2.03
2.59
Q
0.210
0.235
5.33
5.97
Q1
0.490
0.513
12.45
13.03
R
0.150
0.180
3.81
4.57
R1
0.100
0.130
2.54
3.30
S
0.668
0.690
16.97
17.53
T
0.801
0.821
20.34
20.85
U
0.065
0.080
1.65
2.03



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com