Electronic Components Datasheet Search
  English  ▼

X  

KBPC2506N Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # KBPC2506N
Description  KBPC2505N THRU KBPC2510N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KBPC2506N Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KBPC2506N Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. KBPC2506N Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
KBPC2505N THRU KBPC2510N
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
25 Amperes
Web Site:
FEATURES
l Low cost
l This series is UL recognized under component
index, file number E127707
l High forward surge current capability
l Integrally molded heatsink provide very low thermal resistance
l High isolation voltage from case to lugs
l High temperature soldering guaranteed:
260
oC/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
l Case: Molded plastic body
l Terminal: Lead solderable per MIL-STD-202E
method 208C.
l Polarity: Polarity symbols molded on case
l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max.
l Weight:0.55ounce, 15.6 grams
METAL HEAT SINK
EXOPY CASE
AC
AC
+
-
0.666( 16.9)
0.626( 15.9)
1.13( 28.8)
1.11( 28.2)
0.728( 18.5)
0.688( 17.5)
1.13( 28.8)
1.11( 28.2)
0.666( 16.9)
0.626( 15.9)
0.570( 14.5)
0.530( 13.5)
0.205( 5.2)
0.197( 5.0) DIA
0.32( 8.2)
0.30( 7.8)
0.512( 13.0)
0.413( 10.5)
0.09
( 2.
3) D
IA
0.252( 6.4)
0.248( 6.3)
0.252( 6.4)
0.248( 6.3)
0.033( 0.84)
0.028( 0.71)
BR-35N
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
KBPC
25005N
KBPC
2501N
KBPC
2502N
KBPC
2504N
KBPC
2506N
KBPC
2508N
KBPC
2510N
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
Rectified Output Current, at TC=50℃(Note1, 2)
I(AV)
25
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
300
Amps
Rating for Fusing(t<8.3ms)
I
2T
373
A
2S
Maximum Instantaneous Forward Voltage at 12.5A
VF
1.1
Volts
TA=25℃
10
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage
TA=150℃
IR
1.0
mAmps
Isolation Voltage from case to leads
VISO
2500
VAC
Typical Thermal Resistance (Note 1, 2)
RθJC
2.0
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTES:
1.
Unit mounted on 5”×6”×4.9” thick (12.8mm×15.2mm×12.4mm) Al. plate.
2.
Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
WWW.PS-PFS.COM


Similar Part No. - KBPC2506N

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
KBPC2506N MIC-KBPC2506N Datasheet
103Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
KBPC2506N PFS-KBPC2506N Datasheet
271Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
KBPC2506N YEASHIN-KBPC2506N Datasheet
398Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
logo
MIC GROUP RECTIFIERS
KBPC2506NW MIC-KBPC2506NW Datasheet
101Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
KBPC2506NW PFS-KBPC2506NW Datasheet
220Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC2506N

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
160-2141 CAMBION-160-2141 Datasheet
29Kb / 1P
Solder terminal, turreted, feed thru, thru hole
logo
Glenair, Inc.
947-056 GLENAIR-947-056 Datasheet
259Kb / 1P
Bulkhead Feed-Thru
logo
New Jersey Semi-Conduct...
1N3016 NJSEMI-1N3016 Datasheet
149Kb / 1P
1N3821 thru 1N3830, 1N3016 thru 1N3051
logo
List of Unclassifed Man...
8951 ETC2-8951 Datasheet
56Kb / 1P
8940 THRU 8925 8955 THRU 8961
logo
Bud Industries, Inc.
V-9770-L BUD-V-9770-L Datasheet
59Kb / 1P
SEE-THRU DOOR
logo
Pepperl+Fuchs Inc.
OBE2000-R3-SE0 PF-OBE2000-R3-SE0 Datasheet
783Kb / 5P
Thru-beam sensor
logo
Mini-Circuits
TPCN-203 MINI-TPCN-203 Datasheet
446Kb / 3P
Thru-Line
REV.C
TPCG-183+ MINI-TPCG-183+ Datasheet
442Kb / 4P
Thru-Line
REV. OR
TPCW-233+ MINI-TPCW-233+ Datasheet
503Kb / 4P
Thru-Line
REV. C
TPHK-3002+ MINI-TPHK-3002+ Datasheet
508Kb / 4P
Thru-Line
REV. OR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com