Electronic Components Datasheet Search
  English  ▼

X  

PCF8883 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8883
Description  Capacitive proximity switch with auto-calibration, large voltage operating
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8883 Datasheet HTML 14Page - NXP Semiconductors PCF8883 Datasheet HTML 15Page - NXP Semiconductors PCF8883 Datasheet HTML 16Page - NXP Semiconductors PCF8883 Datasheet HTML 17Page - NXP Semiconductors PCF8883 Datasheet HTML 18Page - NXP Semiconductors PCF8883 Datasheet HTML 19Page - NXP Semiconductors PCF8883 Datasheet HTML 20Page - NXP Semiconductors PCF8883 Datasheet HTML 21Page - NXP Semiconductors PCF8883 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 March 2011
18 of 25
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
14. Package outline
Fig 16. Package outline of PCF8883 (SOIC8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8883
MS-012-AA
pcf8883_po
09-06-03
Unit
mm
max
nom
min
1.73
1.37
0.25
0.10
0.25
0.49
0.36
0.249
0.190
5.0
4.8
1.27
6.2
5.8
0.86
0.41
0.1
0.7
0.3
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
SOIC8: plastic small outline package; 8 leads; body width 3.9 mm
PCF8883
A1
A2
1.48
1.27
A3
bp
cD(1)
8°
0°
θ
E(2)
3.99
3.82
eHE
L
1.05
Lp
v
0.25
w
0.25
inches
max
nom
min
0.068
0.054
0.0098
0.0040
0.01
0.019
0.014
0.0098
0.0075
0.196
0.189
0.05
0.244
0.229
0.034
0.016
0.004
0.028
0.012
0.0582
0.0500
8°
0°
0.157
0.150
0.041
0.01
0.01
yZ(1)
0
2.5
5 mm
scale
A
X
vA
E
HE
c
y
D
detail X
θ
A1
Lp
(A3)
A2
L
A
bp
e
pin 1 index
w
Z
85
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com