Electronic Components Datasheet Search
  English  ▼

X  

PCF8883T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8883T
Description  Capacitive proximity switch with auto-calibration, large voltage operating
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8883T Datasheet HTML 1Page - NXP Semiconductors PCF8883T Datasheet HTML 2Page - NXP Semiconductors PCF8883T Datasheet HTML 3Page - NXP Semiconductors PCF8883T Datasheet HTML 4Page - NXP Semiconductors PCF8883T Datasheet HTML 5Page - NXP Semiconductors PCF8883T Datasheet HTML 6Page - NXP Semiconductors PCF8883T Datasheet HTML 7Page - NXP Semiconductors PCF8883T Datasheet HTML 8Page - NXP Semiconductors PCF8883T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The integrated circuit PCF8883 is a capacitive proximity switch that uses a patented
(EDISEN) digital method to detect a change in capacitance on a remote sensing plate.
Changes in the static capacitance (as opposed to dynamic capacitance changes) are
automatically compensated using continuous auto-calibration. Remote sensing plates
(e.g. conductive foil) can be connected directly to the IC1 or remotely using a coaxial
cable.
2.
Features and benefits
Dynamic proximity switch
Digital processing method
Adjustable sensitivity, can be made very high
Adjustable response time
Wide input capacitance range (10 pF to 60 pF)
Automatic calibration
A large distance (several meters) between the sensing plate and the IC is possible
Open-drain output (P-type MOSFET, external load between pin and ground)
Designed for battery powered applications (IDD = 3 μA, typical)
Output configurable as push-button, toggle, or pulse
Wide voltage operating range (VDD = 3 V to 9 V)
Large temperature operating range (Tamb = −40 °C to +85 °C)
Internal voltage regulator
Available in SOIC8 (other packages available on request for larger quantities)
PCF8883
Capacitive proximity switch with auto-calibration, large
voltage operating range and very low power consumption
Rev. 2 — 8 March 2011
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 16.


Similar Part No. - PCF8883T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8883T NXP-PCF8883T Datasheet
124Kb / 24P
Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
PCF8883T NXP-PCF8883T Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
PCF8883T/1 NXP-PCF8883T/1 Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
PCF8883T/1,118 NXP-PCF8883T/1,118 Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
More results

Similar Description - PCF8883T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
Monitor OSD with Auto-calibration
logo
NXP Semiconductors
PCF8883 NXP-PCF8883 Datasheet
124Kb / 24P
Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
logo
Baumer IVO GmbH & Co. K...
12N3140KS35L IVO-12N3140KS35L Datasheet
109Kb / 1P
Capacitive proximity sensors
18N1100 IVO-18N1100 Datasheet
96Kb / 1P
Capacitive proximity sensors
18N1200 IVO-18N1200 Datasheet
96Kb / 1P
Capacitive proximity sensors
logo
Integrated Silicon Solu...
IS31SE5100 ISSI-IS31SE5100 Datasheet
432Kb / 13P
8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
Silicon Laboratories
SI1010-A SILABS-SI1010-A Datasheet
986Kb / 2P
Auto-frequency calibration
SI1011-A SILABS-SI1011-A Datasheet
986Kb / 2P
Auto-frequency calibration
logo
List of Unclassifed Man...
ANSG08 ETC2-ANSG08 Datasheet
1Mb / 40P
8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com