Electronic Components Datasheet Search
  English  ▼

X  

IXFR26N100P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR26N100P
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR26N100P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR26N100P Datasheet HTML 1Page - IXYS Corporation IXFR26N100P Datasheet HTML 2Page - IXYS Corporation IXFR26N100P Datasheet HTML 3Page - IXYS Corporation IXFR26N100P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFR26N100P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 13A, Note 1
13
22
S
C
iss
11.9
nF
C
oss
V
GS
= 0V, V
DS = 25V, f = 1MHz
690
pF
C
rss
60
pF
R
Gi
Gate input resistance
1.50
Ω
t
d(on)
Resistive Switching Times
45
ns
t
r
V
GS = 10V, VDS = 0.5 • VDSS, ID = 13A
45
ns
t
d(off)
R
G
= 1
Ω (External)
72
ns
t
f
50
ns
Q
g(on)
197
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 13A
76
nC
Q
gd
85
nC
R
thJC
0.43
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
26
A
I
SM
Repetitive, pulse width limited by T
JM
104
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
300 ns
Q
RM
1.2
μC
I
RM
12
A
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
I
F = 13A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
ISOPLUS247 (IXFR) Outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com