Electronic Components Datasheet Search
  English  ▼

X  

IXFR48N50Q Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR48N50Q
Description  HiPerFET Power MOSFETs ISOPLUS247, Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR48N50Q Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR48N50Q Datasheet HTML 1Page - IXYS Corporation IXFR48N50Q Datasheet HTML 2Page - IXYS Corporation IXFR48N50Q Datasheet HTML 3Page - IXYS Corporation IXFR48N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 10 V; ID = IT
Notes 2, 3
30
42
S
C
iss
7000
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
960
pF
C
rss
230
pF
t
d(on)
33
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
22
ns
t
d(off)
R
G = 1 Ω (External), Notes 2, 3
75
ns
t
f
10
ns
Q
g(on)
190
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
40
nC
Notes 2, 3
Q
gd
86
nC
R
thJC
0.40
K/W
R
thCK
0.15
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
48
A
I
SM
Repetitive; Note 1
192
A
V
SD
I
F = IT, VGS = 0 V, Notes 2, 3
1.5
V
t
rr
250
ns
Q
RM
1.0
µC
I
RM
10
A
I
F = 25A,-di/dt = 100 A/µs, VR = 100 V
Note: 1. Pulse width limited by T
JM
2. Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
3. IXFR44N50Q:
I
T = 22 A
IXFR48N50Q:
I
T = 24 A
ISOPLUS 247 OUTLINE
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80
21.34
.819 .840
E
15.75
16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
1 Gate, 2 Drain (Collector)
3 Source (Emitter)
4 no connection
IXFR 44N50Q
IXFR 48N50Q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com