Electronic Components Datasheet Search
  English  ▼

X  

IXFR64N50P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR64N50P
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR64N50P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR64N50P Datasheet HTML 1Page - IXYS Corporation IXFR64N50P Datasheet HTML 2Page - IXYS Corporation IXFR64N50P Datasheet HTML 3Page - IXYS Corporation IXFR64N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C37
A
I
DM
T
C = 25°C, pulse width limited by TJM
150
A
I
A
T
C = 25°C64
A
E
AS
T
C = 25°C
2.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting Force
20..120 / 4.5..27
N/lb.
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS= 0V
25
μA
T
J = 125°C
1 mA
R
DS(on)
V
GS = 10V, ID = 32A, Note 1
95 m
Ω
PolarTM Power MOSFET
HiPerFETTM
(Electrically Isolated Back Surface)
N-Channel Enhancement Mode
Avalanche Rated
IXFR64N50P
V
DSS
= 500V
I
D25
= 37A
R
DS(on) ≤
≤≤≤≤ 95mΩ
Ω
Ω
Ω
Ω
G = Gate
D = Drain
S = Source
Isolated Tab
ISOPLUS247
E153432
DS99412F(5/09)
t
rr
≤≤≤≤≤ 200ns
Features
International Standard Package
Fast Intrinsic Rectifier
Avalanche Rated
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switched-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls


Similar Part No. - IXFR64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
Advance Technical Information
More results

Similar Description - IXFR64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com