Electronic Components Datasheet Search
  English  ▼

X  

IXFR66N50Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFR66N50Q2
Description  HiPerFET Power MOSFET Q2-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR66N50Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFR66N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFR66N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFR66N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFR66N50Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXFR66N50Q2
Fig. 6. Drain Curre nt v s. Case
Te mpe rature
0
5
10
15
20
25
30
35
40
45
50
55
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 2. Extended Output Characteristics
@ 25
°C
0
20
40
60
80
100
120
140
160
02468
10
12
14
16
18
20
VD S - Volts
7V
VGS = 10V
8V
5V
6V
Fig. 3. Output Characteristics
@ 125
°C
0
10
20
30
40
50
60
70
02
46
8
10
12
14
VD S - Volts
VGS = 10V
7V
6V
3.5V
4.5V
5V
Fig. 1. Output Characteristics
@ 25
°C
0
10
20
30
40
50
60
70
01
2345
67
VD S - Volts
VGS = 10V
8V
7V
6V
4.5V
5V
5.5V
Fig. 4. RDS(on) Normalized to 0.5 ID25 Value
vs. Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
I D = 66A
I D = 33A
VGS = 10V
Fig. 5. RDS(on) Normalized to 0.5 ID25 Value
vs. ID
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
20
40
60
80
100
120
140
160
I D - Amperes
TJ = 125°C
TJ = 25°C
VGS = 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com