Electronic Components Datasheet Search
  English  ▼

X  

IXGA7N60CD1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA7N60CD1
Description  HiPerFAST IGBT with Diode Lightspeed Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA7N60CD1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA7N60CD1 Datasheet HTML 1Page - IXYS Corporation IXGA7N60CD1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
HiPerFASTTM IGBT
with Diode
LightspeedTM Series
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
600
V
V
CGR
T
J
= 25°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
14
A
I
C90
T
C
= 90°C
7
A
I
CM
T
C
= 25°C, 1 ms
30
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 22 Ω
I
CM = 14
A
(RBSOA)
Clamped inductive load, L = 300
µH
@ 0.8 V
CES
P
C
T
C
= 25°C
75
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque, (TO-220)
M3
0.45/4 Nm/lb.in.
M3.5
0.55/5 Nm/lb.in.
Weight
TO-220
4
g
TO-263
2
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
100
µA
V
GE
= 0 V
T
J = 125°C
750
µA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.0
2.5
V
Features
• International standard packages
JEDEC TO-263 surface
mountable and JEDEC TO-220 AB
• High frequency IGBT
• High current handling capability
• HiPerFASTTM HDMOSTM process
• MOS Gate turn-on
- drive simplicity
Applications
• Uninterruptible power supplies (UPS)
• Switched-mode and resonant-mode
power supplies
• AC motor speed control
• DC servo and robot drives
• DC choppers
Advantages
• High power density
• Suitable for surface mounting
• Very low switching losses for high
frequency applications
V
CES
= 600
V
I
C25
=
14
A
V
CE(sat)typ
= 2.0
V
t
fi
=
45 ns
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
E
C (TAB)
TO-263 AA (IXGA)
G C
E
TO-220AB (IXGP)
DS98720A(01/03)
IXGA 7N60CD1
IXGP 7N60CD1
PreliminaryData


Similar Part No. - IXGA7N60CD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA7N60C IXYS-IXGA7N60C Datasheet
79Kb / 2P
HiPerFAST IGBT Lightspeed Series
More results

Similar Description - IXGA7N60CD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60CD1 IXYS-IXGH24N60CD1 Datasheet
103Kb / 5P
HiPerFAST IGBT with Diode Lightspeed Series
IXGH32N60C IXYS-IXGH32N60C Datasheet
117Kb / 4P
HiPerFAST IGBT Lightspeed Series
IXGA24N60C IXYS-IXGA24N60C Datasheet
100Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH24N60C IXYS-IXGH24N60C Datasheet
56Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGA7N60C IXYS-IXGA7N60C Datasheet
79Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C Datasheet
37Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGA12N60CD1 IXYS-IXGA12N60CD1 Datasheet
74Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N60C IXYS-IXGH12N60C Datasheet
59Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C_03 Datasheet
148Kb / 4P
HiPerFAST IGBT Lightspeed Series
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
HiPerFAST IGBT Lightspeed Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com