Electronic Components Datasheet Search
  English  ▼

X  

IXGA16N60B2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA16N60B2
Description  HiPerFAST IGBTs B2-Class High Speed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA16N60B2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA16N60B2 Datasheet HTML 1Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 2Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 3Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 4Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 5Page - IXYS Corporation IXGA16N60B2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA16N60B2
IXGP16N60B2
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.
TO-263 (IXGA) Outline
Pins: 1 - Gate
2 - Drain
TO-220 (IXGP) Outline
1 = Gate
2 = Collector
3 = Emitter
4 = Collector
1 = Gate
2 = Collector
3 = Emitter
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 12A, VCE = 10V, Note 1
8
S
C
ies
675
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
60
pF
C
res
20
pF
Q
g(on)
24
nC
Q
ge
I
C = 12A, VGE = 15V, VCE = 0.5 • VCES
5
nC
Q
gc
13
nC
t
d(on)
18
ns
t
ri
20
ns
E
on
0.16
mJ
t
d(off)
73
ns
t
fi
70
ns
E
off
0.12
0.22 mJ
t
d(on)
17
ns
t
ri
20
ns
E
on
0.26
mJ
t
d(off)
140
ns
t
fi
125
ns
E
off
0.38
mJ
R
thJC
0.83
°C/W
R
thCK
TO-220
0.50
°C/W
Inductive load, T
J = 125°C
I
C = 12A, VGE = 15V
V
CE = 400V, RG = 22Ω
Note 2
Inductive load, T
J = 25°C
I
C = 12A, VGE = 15V
V
CE = 400V, RG = 22Ω
Note 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com