Electronic Components Datasheet Search
  English  ▼

X  

IXGH30N60C2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH30N60C2
Description  HiPerFAST IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH30N60C2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH30N60C2 Datasheet HTML 1Page - IXYS Corporation IXGH30N60C2 Datasheet HTML 2Page - IXYS Corporation IXGH30N60C2 Datasheet HTML 3Page - IXYS Corporation IXGH30N60C2 Datasheet HTML 4Page - IXYS Corporation IXGH30N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXGH 30N60C2
IXGT 30N60C2
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 24 A; V
CE = 10 V,
18
28
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
1430
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
110
pF
C
res
40
pF
Q
g
70
nC
Q
ge
I
C = 24 A, VGE = 15 V, VCE = 300 V
10
nC
Q
gc
23
nC
t
d(on)
13
ns
t
ri
15
ns
t
d(off)
70
140
ns
t
fi
60
ns
E
off
0.29
0.30 mJ
t
d(on)
13
ns
t
ri
17
ns
E
on
0.22
mJ
t
d(off)
120
ns
t
fi
130
ns
E
off
0.59
mJ
R
thJC
0.65 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 24 A, VGE = 15 V
V
CE = 400 V, RG = 5 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 24 A, VGE = 15 V
V
CE = 400 V, RG = 5 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
Min. Recommended Footprint
(Dimensions in inches and mm)
TO-268 Outline
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com