Electronic Components Datasheet Search
  English  ▼

X  

TFA9882 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TFA9882
Description  3.4 W I2S input mono class-D audio amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9882 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TFA9882 Datasheet HTML 9Page - NXP Semiconductors TFA9882 Datasheet HTML 10Page - NXP Semiconductors TFA9882 Datasheet HTML 11Page - NXP Semiconductors TFA9882 Datasheet HTML 12Page - NXP Semiconductors TFA9882 Datasheet HTML 13Page - NXP Semiconductors TFA9882 Datasheet HTML 14Page - NXP Semiconductors TFA9882 Datasheet HTML 15Page - NXP Semiconductors TFA9882 Datasheet HTML 16Page - NXP Semiconductors TFA9882 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TFA9882
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 20 April 2011
13 of 31
NXP Semiconductors
TFA9882
3.4 W I2S input mono class-D audio amplifier
[1]
Measurements taken on the TFA9882 in a HVSON10 package (engineering samples) due to handling restrictions with WLCSP9.
11. Thermal characteristics
[1]
Measured on a JEDEC high K-factor test board (standard EIA/JESD 51-7).
[2]
Value depends on where measurement is taken on package.
12. Characteristics
12.1 DC characteristics
VESD
electrostatic discharge voltage
according to the Human Body Model (HBM)
[1]
pins OUTA and OUTB
−8+8
kV
any other pin
−2+2
kV
according to the Charge Device Model (CDM)
[1]
−500
+500
V
according to the Machine Model (MM)
[1]
−200
+200
V
Table 12.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
Table 13.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air; natural convection
JEDEC test board
[1] 128
K/W
2-layer application board
97
K/W
Ψ
j-top
thermal characterization parameter from
junction to top of package
[2] 12
K/W
Table 14.
DC characteristics
All parameters are guaranteed for VDDP = 3.6 V; VDDD =1.8 V; RL = 4 Ω[1]; LL = 20 μH[1]; fi = 1 kHz; fs = 48 kHz; Tamb = 25 °C,
default slope and gain settings; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDP
power supply voltage
on pin VDDP
2.5
-
5.5
V
VDDD
digital supply voltage
on pin VDDD
1.65
1.8
1.95
V
IDDP
power supply current
Operating mode with load
fs = 48 kHz
-
1.5
1.7
mA
fs = 32 kHz
-
1.38
-
mA
Mute mode
1.1
1.25
mA
Power-down mode
-
0.1
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com