Electronic Components Datasheet Search
  English  ▼

X  

STK401-080 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK401-080
Description  AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-080 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK401-080 Datasheet HTML 1Page - Sanyo Semicon Device STK401-080 Datasheet HTML 2Page - Sanyo Semicon Device STK401-080 Datasheet HTML 3Page - Sanyo Semicon Device STK401-080 Datasheet HTML 4Page - Sanyo Semicon Device STK401-080 Datasheet HTML 5Page - Sanyo Semicon Device STK401-080 Datasheet HTML 6Page - Sanyo Semicon Device STK401-080 Datasheet HTML 7Page - Sanyo Semicon Device STK401-080 Datasheet HTML 8Page - Sanyo Semicon Device STK401-080 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
No. 4341-5/9
STK401-020
Series Configuration
Example of Set Design for Common PCB
VCC max1
RL = 6
Ω
VCC max2
RL = 6
Ω to 3Ω
VCC1
RL = 6
Ω
VCC2
RL = 3
Ω
VCC max1
VCC max2
VCC1
VCC2
STK400-010
10W X 3
STK401-010
10W X 2
±29.0
±27
±18
±14
STK400-020
15W X 3
STK401-020
15W X 2
±30.5
±29
±20
±16
STK400-030
20W X 3
STK401-030
20W X 2
±34.5
±34
±23
±19
STK400-040
25W X 3
STK401-040
25W X 2
±40.0
±36
±25
±21
STK400-050
30W X 3
STK401-050
30W X 2
±42.0
±39
±26
±22
STK400-060
35W X 3
STK401-060
35W X 2
±45.0
±41
±28
±23
STK400-070
40W X 3
STK401-070
40W X 2
0.4
±48.0
±44
±30
±24
STK400-080
45W X 3
STK401-080
45W X 2
±50.0
±45
±31
±25
STK400-090
50W X 3
STK401-090
50W X 2
±52.5
±47
±32
±26
STK400-100
60W X 3
STK401-100
60W X 2
±55.0
±51
±35
±27
STK400-110
70W X 3
STK401-110
70W X 2
±56.0
—
±38
—
—
—
STK401-120
80W X 2
±61.0
—
±42
—
—
—
STK401-130
100W X 2
±65.0
—
±45
—
—
—
STK401-140
120W X 2
±74.0
—
±51
—
3ch Amp
IC Name
Fixed
Standard
Output
2ch Amp
IC Name
Fixed
Standard
Output
THD [%]
f = 20 to 20kHz
Supply voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com