Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFA Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F36CAMDFA
Description  This MCU consumes low power, and supports operating modes that allow additional
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFA Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F36CAMDFA Datasheet HTML 45Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 46Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 47Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 48Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 49Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 50Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 51Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 52Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
R01DS0034EJ0200 Rev.2.00
Page 49 of 95
Feb 07, 2011
M16C/6C Group
5. Electrical Characteristics
5.1.3
A/D Conversion Characteristics
Notes:
1.
This applies when using one A/D converter, with the ADSTBY bit for the unused A/D converter set to 0 (A/D
operation stopped (standby).
2.
Use when AVCC = VCC1 = VCC2.
3.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”.
Figure 5.2
A/D Accuracy Measure Circuit
Table 5.5
A/D Conversion Characteristics (1/2) (1, 2)
AVCC = VCC1 = VCC2 = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-Resolution
AVCC = VCC1 = VCC2 = VREF
10
Bits
INL
Integral non-linearity error 10bit
VCC1 =
5.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 3)
±3
LSB
VCC1 =
3.3 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 3)
±3
LSB
VCC1 =
3.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 3)
±3
LSB
-
Absolute accuracy
10bit
VCC1 =
5.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 3)
±3
LSB
VCC1 =
3.3 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 3)
±3
LSB
VCC1 =
3.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 3)
±3
LSB
AN
Analog input
AN: One of the analog input pin
P0 to P10: I/O pins other than AN
P0 to P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com