Electronic Components Datasheet Search
  English  ▼

X  

R5F562T6ADFF Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F562T6ADFF
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T6ADFF Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F562T6ADFF Datasheet HTML 35Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 36Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 37Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 38Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 39Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 40Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 41Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 42Page - Renesas Technology Corp R5F562T6ADFF Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 39 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 7212h
ICU
Interrupt request enable register 12
IER12
8
8
2ICLK
0008 7213h
ICU
Interrupt request enable register 13
IER13
8
8
2ICLK
0008 7215h
ICU
Interrupt request enable register 15
IER15
8
8
2ICLK
0008 7216h
ICU
Interrupt request enable register 16
IER16
8
8
2ICLK
0008 7217h
ICU
Interrupt request enable register 17
IER17
8
8
2ICLK
0008 7218h
ICU
Interrupt request enable register 18
IER18
8
8
2ICLK
0008 721Ah
ICU
Interrupt request enable register 1A
IER1A
8
8
2ICLK
0008 721Bh
ICU
Interrupt request enable register 1B
IER1B
8
8
2ICLK
0008 721Ch
ICU
Interrupt request enable register 1C
IER1C
8
8
2ICLK
0008 721Eh
ICU
Interrupt request enable register 1E
IER1E
8
8
2ICLK
0008 721Fh
ICU
Interrupt request enable register 1F
IER1F
8
8
2ICLK
0008 72E0h
ICU
Software interrupt activation register
SWINTR
8
8
2ICLK
0008 72F0h
ICU
Fast interrupt set register
FIR
16
16
2ICLK
0008 7300h
ICU
Interrupt source priority register 00
IPR00
8
8
2ICLK
0008 7301h
ICU
Interrupt source priority register 01
IPR01
8
8
2ICLK
0008 7302h
ICU
Interrupt source priority register 02
IPR02
8
8
2ICLK
0008 7303h
ICU
Interrupt source priority register 03
IPR03
8
8
2ICLK
0008 7304h
ICU
Interrupt source priority register 04
IPR04
8
8
2ICLK
0008 7305h
ICU
Interrupt source priority register 05
IPR05
8
8
2ICLK
0008 7306h
ICU
Interrupt source priority register 06
IPR06
8
8
2ICLK
0008 7307h
ICU
Interrupt source priority register 07
IPR07
8
8
2ICLK
0008 7314h
ICU
Interrupt source priority register 14
IPR14
8
8
2ICLK
0008 7318h
ICU
Interrupt source priority register 18
IPR18
8
8
2ICLK
0008 7320h
ICU
Interrupt source priority register 20
IPR20
8
8
2ICLK
0008 7321h
ICU
Interrupt source priority register 21
IPR21
8
8
2ICLK
0008 7322h
ICU
Interrupt source priority register 22
IPR22
8
8
2ICLK
0008 7323h
ICU
Interrupt source priority register 23
IPR23
8
8
2ICLK
0008 7324h
ICU
Interrupt source priority register 24
IPR24
8
8
2ICLK
0008 7325h
ICU
Interrupt source priority register 25
IPR25
8
8
2ICLK
0008 7326h
ICU
Interrupt source priority register 26
IPR26
8
8
2ICLK
0008 7327h
ICU
Interrupt source priority register 27
IPR27
8
8
2ICLK
0008 7340h
ICU
Interrupt source priority register 40
IPR40
8
8
2ICLK
0008 7344h
ICU
Interrupt source priority register 44
IPR44
8
8
2ICLK
0008 7348h
ICU
Interrupt source priority register 48
IPR48
8
8
2ICLK
0008 7349h
ICU
Interrupt source priority register 49
IPR49
8
8
2ICLK
0008 7351h
ICU
Interrupt source priority register 51
IPR51
8
8
2ICLK
0008 7352h
ICU
Interrupt source priority register 52
IPR52
8
8
2ICLK
0008 7353h
ICU
Interrupt source priority register 53
IPR53
8
8
2ICLK
0008 7354h
ICU
Interrupt source priority register 54
IPR54
8
8
2ICLK
0008 7355h
ICU
Interrupt source priority register 55
IPR55
8
8
2ICLK
0008 7356h
ICU
Interrupt source priority register 56
IPR56
8
8
2ICLK
0008 7357h
ICU
Interrupt source priority register 57
IPR57
8
8
2ICLK
0008 7358h
ICU
Interrupt source priority register 58
IPR58
8
8
2ICLK
0008 7359h
ICU
Interrupt source priority register 59
IPR59
8
8
2ICLK
Table 4.1
List of I/O Registers (Address Order) (6 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com