Electronic Components Datasheet Search
  English  ▼

X  

SDA18A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA18A
Description  ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA18A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA18A Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Ultra Fast Reverse Recovery Time 50 ns Max
• Average Output Current 35 Amps @ 50°C
• Surge Current 300 Amps
• PIV 200 to 800 Volts Per Leg
• Operating & Storage Temp. Range -65°C to +150°C
• Thermal Resistance Junction to Case 1.5°C/W Max
• Aluminum Heat Sink Case
• Electrically Insulated from Case
• Hermetically Sealed Void Free Rectifier Cells
• Available in Higher Voltages
• Available in Hyper Fast Recovery
SDA18A thru SDA18G
35A Rectifier Assembly
35 AMPS
200 ─ 800 VOLTS
ULTRA FAST RECOVERY
SINGLE PHASE BRIDGE RECTIFIER
ELECTRICAL CHARACTERISTICS1
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS Input
Voltage Max.
Revers2
Recovery
Time
Average DC
Output Current
TC=Case Temp
Average DC Output
Current
TA= Ambient Temp
(no heat sink)
Peak Forward
Surge Current
(1 Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @
10 ADC
Maximum Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF(AV)
IF(AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
50oC 100oC 25oC
55oC
25oC
100oC
SDA18A
200
140
50
35
25
12
10
300
150
1.3
20
1000
SDA18B
300
210
50
35
25
12
10
300
150
1.3
20
1000
SDA18C
400
280
50
35
25
12
10
300
150
1.3
20
1000
SDA18D
500
350
50
35
25
12
10
300
150
1.3
20
1000
SDA18E
600
420
50
35
25
12
10
300
150
1.3
20
1000
SDA18F
700
490
50
35
25
12
10
300
150
1.5
20
1000
SDA18G
800
560
50
35
25
12
10
300
150
1.5
20
1000
SDA18 Package:
NOTES:
For ordering information, price, availability, outline and curves-
Contact Factory.
1. Unless Otherwise Specified, All Electrical Characteristics @25ºC.
2. Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0060A
DOC


Similar Part No. - SDA18A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA18A SSDI-SDA18A Datasheet
215Kb / 2P
35 AMP RECITIFIER ASSEMBLY
More results

Similar Description - SDA18A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA41AUF SSDI-SDA41AUF_1 Datasheet
309Kb / 2P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA267A SSDI-SDA267A Datasheet
144Kb / 2P
FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA628 SSDI-SDA628_1 Datasheet
39Kb / 2P
ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0004 SSDI-RA0004_15 Datasheet
72Kb / 2P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
RA0020 SSDI-RA0020_15 Datasheet
58Kb / 2P
ULTRA FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
logo
Diotec Semiconductor
S40F DIOTEC-S40F_18 Datasheet
187Kb / 2P
SMD Single Phase Bridge Rectifier ??Fast Recovery
logo
EIC discrete Semiconduc...
RBV-602L EIC-RBV-602L Datasheet
112Kb / 2P
ULTRA FAST RECOVERY BRIDGE RECTIFIER
Rev. 00 : July 6, 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com