Electronic Components Datasheet Search
  English  ▼

X  

R5F21364MDFD Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F21364MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21364MDFD Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F21364MDFD Datasheet HTML 45Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 46Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 47Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 48Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 49Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 50Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 51Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 52Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 49 of 58
Mar 09, 2011
Note:
1. 2.7 V
≤ VCC < 4.2 V, Topr = −20 to 85 °C (N version)/−40 to 85 °C (D version), and f(XIN) = 10 MHz, unless otherwise
specified.
Table 5.25
Electrical Characteristics (3) [2.7 V
≤ VCC < 4.2 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Other than XOUT
Drive capacity High IOH =
−5 mA
VCC
− 0.5
—
VCC
V
Drive capacity Low
IOH =
−1 mA
VCC
− 0.5
—
VCC
V
XOUT
IOH =
−200 µA1.0
—
VCC
V
VOL
Output “L” voltage
Other than XOUT
Drive capacity High IOL = 5 mA
—
—
0.5
V
Drive capacity Low
IOL = 1 mA
—
—
0.5
V
XOUT
IOL = 200
µA—
—
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT2,
INT3, INT4,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRFI, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
VCC = 3.0 V
0.1
0.4
—
V
RESET
VCC = 3.0 V
0.1
0.5
—
V
IIH
Input “H” current
VI = 3 V, VCC = 3.0 V
—
—
4.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 3.0 V
—
—
−4.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 3.0 V
42
84
168
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
8
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com