Electronic Components Datasheet Search
  English  ▼

X  

SDAD102 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAD102
Description  STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAD102 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAD102 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0067C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAD10 2
__ __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
__ = Standard Recovery Time
Voltage
2.5 = 2.5kV, 5 = 5kV, 7.5 = 7.5kV,
10 = 10kV, and 15 = 15kV
Power Rating (See Below)
Package Size = 2 Inches Diameter
SDAD102 Series
2,500 to 15,000 VOLTS
STANDARD RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
Stackable to 600 kV+
PIV 2.5kV to 15kV
High Current Ratings
Standard Reverse Recovery Time
Only Hermetically Sealed Rectifiers Used
Controlled Avalanche Rated
Modular Design for Easy Stacking
Storage and Operating Temps -65
°C to +150°C
Available in Fast, Ultra Fast and Hyper Fast
Versions
Replacement Upgrade- Microsemi/Unitrode
types UDE-2.5 through UDA-15
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak Inverse
Voltage
Reverse
Recovery
Time
5/
Average DC Output
Current
4/
Tc = Case Temperature
Surge
Non-repetitive
Maximum
Forward Voltage
Drop
Maximum
Leakage
Current @PIV
Replacement Part
Number
PIV (KV)
Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
25
C
25
C
75
C
50
C 60 C
100
C
25
C
25
C
SDAD102E2.5
2.5
5000
6.00
7.70
7.00
200
5.0
3.0
10
UDE-2.5
SDAD102B2.5
2.5
5000
3.00
4.25
3.75
100
4.0
1.5
5
UDB-2.5
SDAD102E5.0
5.0
5000
4.50
5.50
5.00
200
10
2.2
10
UDE-5
SDAD102B5.0
5.0
5000
2.00
2.75
2.50
100
8.0
1.0
5
UDB-5 / 1N5600
SDAD102A5.0
5.0
5000
1.65
2.20
2.00
30
8.0
0.82
2
UDA-5
SDAD102B7.5
7.5
5000
1.33
2.00
1.65
100
12
0.7
5
UDB-7.5
SDAD102A7.5
7.5
5000
1.25
1.75
1.55
30
12
0.6
2
UDA-7.5
SDAD102A10
10
5000
1.00
1.40
1.25
30
16
0.5
2
UDA-10 / 1N5597
SDAD102A15
15
5000
0.67
0.90
0.80
30
25
0.33
2
UDA-15
High Current Versions
SDAD102H2.5
2.5
5000
12.0
15.4
14.0
250
3.40
10
20
SDAD102H5.0
5.0
5000
9.00
11.0
10.0
250
6.80
3.5
20
SDAD102H7.5
7.5
5000
2.66
4.00
3.30
125
8.85
2.0
10
SDAD102H10
10
5000
2.00
2.80
2.50
100
12.1
1.8
10
SDAD102H15
15
5000
1.33
1.80
1.60
100
17.6
1.1
10
SDAD102 Package:
NOTES:
1/ For ordering information, price, curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.


Similar Part No. - SDAD102

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A10 SSDI-SDAD102A10 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A15 SSDI-SDAD102A15 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A5.0 SSDI-SDAD102A5.0 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A7.5 SSDI-SDAD102A7.5 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDAD102

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101_1 Datasheet
74Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101F SSDI-SDAD101F Datasheet
74Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF_1 Datasheet
73Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF_1 Datasheet
76Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103 SSDI-SDAD103_1 Datasheet
80Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103F SSDI-SDAD103F_1 Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF_1 Datasheet
79Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com