Electronic Components Datasheet Search
  English  ▼

X  

SDAD103 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAD103
Description  STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAD103 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAD103 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0066C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAD10 3
__ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
__= Standard Recovery Time
Voltage
2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and
15 = 15kV
Power Rating (See Below)
Package Size = 3 Inches Diameter
SDAD103 Series
2,500 to 15,000 VOLTS
STANDARD RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
Stackable to 600 kV+
PIV 2.5kV to 15kV
High Current Ratings
Standard Reverse Recovery Time
Void-free, Hermetically Sealed Diode Cells
Controlled Avalanche
Modular Design for Easy Stacking
Storage and Operating Temps -65
°C to +150°C
Available in Fast, Ultra Fast and Hyper Fast
Versions
TX, TXV, and S-Level Screening Available
2/
Direct Replacement Upgrade – Microsemi /
Unitrode type UGE-2.5 through type UGB-10
and 1N5603
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
Reverse
Recovery
Time
5/
Average DC Output Current
Tc = Case Temperature
4/
Surge
Non-
repetitive
Maximum Forward
Voltage Drop
Maximum
Leakage
Current @PIV
Replacement
Part Number
PIV (KV) Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
25
C
25
C
75
C
50
C
60
C
100
C
25
C
25
C
SDAD103E2.5
2.5
5000
6.60
10.0
8.25
200
5.0
3.30
10
UGE-2.5
SDAD103E5.0
5.0
5000
5.00
7.50
6.25
200
10
2.5
15
UGE-5
1N5603
SDAD103 B 5.0
5.0
5000
4.40
6.60
5.50
100
9.0
2.2
5
UGB-5
SDAD103 E 7.5
7.5
5000
3.30
5.00
4.10
200
13
1.6
10
UGE-7.5
SDAD103 B 7.5
7.5
5000
3.00
4.80
3.75
100
13
1.5
5
UGB-7.5
SDAD103 B 10
10
5000
2.30
3.50
2.85
100
17
1.1
5
UGB-10
SDAD103 A 15
15
5000
1.54
2.07
1.84
30
25
0.72
2
---
High Current Versions
SDAD103 H 2.5
2.5
5000
12.2
20.0
16.5
300
3.10
10
30
---
SDAD103 H 5.0
5.0
5000
10.0
15.0
12.5
300
6.20
8.0
30
---
SDAD103 H 7.5
7.5
5000
6.60
10.0
8.20
250
8.45
5.0
20
---
SDAD103 H 10
10
5000
4.60
7.0
5.70
150
12.1
3.5
10
---
SDAD103 H 15
15
5000
3.08
4.14
3.68
125
16.8
2.8
10
---
SDAD103 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.


Similar Part No. - SDAD103

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD103 SSDI-SDAD103 Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103C15F SSDI-SDAD103C15F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103C15F SSDI-SDAD103C15F Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103D10F SSDI-SDAD103D10F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103D10F SSDI-SDAD103D10F Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDAD103

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101_1 Datasheet
74Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101F SSDI-SDAD101F Datasheet
74Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF_1 Datasheet
73Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102_1 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF_1 Datasheet
76Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103F SSDI-SDAD103F_1 Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF_1 Datasheet
79Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com