Electronic Components Datasheet Search
  English  ▼

X  

SDAH2500F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAH2500F
Description  FAST RECOVERY RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAH2500F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAH2500F Datasheet HTML 1Page - Solid States Devices, Inc SDAH2500F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0099A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAH __ F ___
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
F = Fast Recovery
Voltage/Family
2500 = 2500V
5000 = 5000V
7500 = 7500V
10000 = 10000V
12500 = 12500V
15000 = 15000V
20000 = 20000V
25000 = 25000V
SDAH2500F
thru
SDAH25000F
1 AMP
FAST RECOVERY
RECTIFIER ASSEMBLY
2.5kV thru 25kV
FEATURES:
Average output current: 1 Amp
2500 to 25000V blocking voltage
Fast recovery: 150 nsec maximum
Low reverse leakage current
Corona free construction
Glass passivated rectifiers
Hermetically sealed discretes
Superior thermal shock resistance
Ultra fast and hyper fast versions available –
consult factory
Higher current versions available – consult factory
TX, TXV and Space level screening available
2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
And DC Blocking Voltage
SDAH2500F
SDAH5000F
SDAH7500F
SDAH10000F
SDAH12500F
SDAH15000F
SDAH20000F
SDAH25000F
VRRM
VRWM
VR
2500
5000
7500
10000
12500
15000
20000
25000
Volts
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, No Heatsink)
TC = 25°C
TC = 100°C
IO
1
0.66
Amps
Peak Surge Current
(8.3 msec pulse, Half Sine Wave)
TC = 25°C
TC = 100°C
IFSM
50
25
Amps
Operating & Storage Temperature
TOP and TSTG
-55 to
+150
°C
NOTES:
1/ For ordering information, price, operating curves, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
HV STICK


Similar Part No. - SDAH2500F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAH2500 SSDI-SDAH2500 Datasheet
117Kb / 2P
2 AMPS 2500 ??15000 VOLTS STANDARD RECOVERY HIGH CURRENT - HIGH VOLTAGE RECTIFIER
SDAH25000UF SSDI-SDAH25000UF Datasheet
38Kb / 2P
1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
SDAH2500UF SSDI-SDAH2500UF Datasheet
38Kb / 2P
1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDAH2500F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2HVS2.5F SEMTECH-S2HVS2.5F Datasheet
67Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SCFS2000 SEMTECH-SCFS2000 Datasheet
107Kb / 3P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SCKV30K12F SEMTECH-SCKV30K12F Datasheet
78Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SCSF05 SEMTECH-SCSF05 Datasheet
126Kb / 3P
FAST RECOVERY HIGH CURRENT RECTIFIER ASSEMBLY
SDHF2.5KS SEMTECH-SDHF2.5KS Datasheet
110Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
SHVS5F SEMTECH-SHVS5F Datasheet
68Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
RA0007 SSDI-RA0007_15 Datasheet
56Kb / 2P
FAST RECOVERY RECTIFIER ASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
AW005S500U GETEDZ-AW005S500U Datasheet
520Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
AW010S500U GETEDZ-AW010S500U Datasheet
520Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
HVR5510F15 GETEDZ-HVR5510F15_V01 Datasheet
512Kb / 2P
Fast Recovery High Voltage Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com