Electronic Components Datasheet Search
  English  ▼

X  

DS9092 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS9092
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9092 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS9092 Datasheet HTML 1Page - Maxim Integrated Products DS9092 Datasheet HTML 2Page - Maxim Integrated Products DS9092 Datasheet HTML 3Page - Maxim Integrated Products DS9092 Datasheet HTML 4Page - Maxim Integrated Products DS9092 Datasheet HTML 5Page - Maxim Integrated Products DS9092 Datasheet HTML 6Page - Maxim Integrated Products DS9092 Datasheet HTML 7Page - Maxim Integrated Products DS9092 Datasheet HTML 8Page - Maxim Integrated Products DS9092 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Thermochron iButton
_______________________________________________________________________________________
3
Note 1:
System requirement.
Note 2:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery
times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For
more heavily loaded systems, an active pullup such as that found in the DS2480B may be required.
Note 3:
Capacitance on IO could be 800pF when power is first applied. If a 2.2k
Ω resistor is used to pull up the data line, 2.5µs
after VPUP has been applied, the parasite capacitor does not affect normal communication.
Note 4:
These values are derived from simulation across process, voltage, and temperature and are not production tested.
Note 5:
Input load is to ground.
Note 6:
All voltages are referenced to ground.
Note 7:
VTL and VTH are functions of the internal supply voltage, which is a function of VPUP and the 1-Wire recovery times. The
VTH and VTL maximum specifications are valid at VPUP = 5.25V. In any case, VTL < VTH < VPUP.
Note 8:
Voltage below which, during a falling edge of IO, a logic 0 is detected.
Note 9:
The voltage on IO must be less than or equal to VILMAX whenever the master drives the line low.
Note 10: Voltage above which, during a rising edge on IO, a logic 1 is detected.
Note 11: The I-V characteristic is linear for voltages less than 1V.
Note 12: Numbers in bold are not in compliance with the published iButton standards. See the
Comparison Table.
Note 13:
ε in Figure 15 represents the time required for the pullup circuitry to pull the voltage on the IO pin up from VIL to VTH. The
actual maximum duration for the master to pull the line low is tW1LMAX + tF -
ε and tW0LMAX + tF - ε, respectively.
Note 14:
δ in Figure 15 represents the time required for the pullup circuitry to pull the voltage on the IO pin up from VIL to the input
high threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 15: This number was derived from a test conducted by Cemagref in Antony, France, in July 2000.
http://www.cemagref.fr/English/index.htm Test Report No. E42
Note 16: Total accuracy is
Δϑ plus 0.25°C quantization due to the 0.5°C digital resolution of the device.
ELECTRICAL CHARACTERISTICS (continued)
(VPUP = +2.8V to +5.25V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: 1-Wire WRITE
Standard speed
60
120
Overdrive speed, VPUP > 4.5V
6
15
Write-Zero Low Time
(Notes 1, 12, 13)
tW0L
Overdrive speed
8.5
15
μs
Standard speed
5
15
Write-One Low Time
(Notes 1, 13)
tW1L
Overdrive speed
1
2
μs
IO PIN: 1-Wire READ
Standard speed
5
15 -
Read Low Time (Notes 1, 14)
tRL
Overdrive speed
1
2 -
μs
Standard speed
tRL +
15
Read Sample Time
(Notes 1, 14)
tMSR
Overdrive speed
tRL +
2
μs
REAL-TIME CLOCK
Frequency Deviation
F
-5°C to +46°C
-48
+46
ppm
TEMPERATURE CONVERTER
Tempcore Operating Range
TTC
-40
+85
°C
Conversion Time
tCONV
19
90
ms
Thermal Response Time
Constant
RESP
(Note 15)
130
s
-40°C to < -30°C
-1.3
+1.3
-30°C to +70°C
-1.0
+1.0
Conversion Error
(Notes 16, 17)
> +70°C to +85°C
-1.3
+1.3
°C
Number of Conversions
NCONV
(Notes 4, 18)
(See the lifetime graphs.)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com