Electronic Components Datasheet Search
  English  ▼

X  

SDR620 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR620
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR620 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR620 Datasheet HTML 1Page - Solid States Devices, Inc SDR620 Datasheet HTML 2Page - Solid States Devices, Inc SDR620 Datasheet HTML 3Page - Solid States Devices, Inc SDR620 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDR62 __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package
59 = TO-59
Voltage
0 = 100 V
1 = 150 V
2 = 200 V
SDR620/59
SDR621/59
SDR622/59
20 AMPS
100 - 200 VOLTS
ULTRA FAST RECOVERY
RECTIFIER
FEATURES:
Isolated Package
Reverse Recovery Time 35 ns Max
PIV 200 Volts
Low Reverse Leakage
Hermetically Sealed
Single Chip Construction
-65ºC to 200ºC Operating and Storage Temperature
Isolated Version of 1N5812-16 DO-4
TX, TXV, and S-Level Screening Available 2/
MAXIMUM RATINGS 3/
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR620
SDR621
SDR622
VRRM
VR
100
150
200
Volts
Half Wave Rectified Forward Current, Averaged Over Full Cycle
Resistive Load, 60 Hz, Sine Wave, TC= 55ºC
IO
20
Amps
Peak Repetitive Forward Current
8.3 ms Pulse, Allow Junction to Reach Equilibrium Between Pulses
IFRM
80
Amps
Peak Surge Current
8.3 ms Pulse
IFSM
200
Amps
Thermal Resistance
Junction to Case
RJC
1.5
ºC/W
Operating and Storage Temperature
TJ & Tstg
-65 to +200
ºC
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @ 25ºC.
TO-59
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117B
DOC


Similar Part No. - SDR620

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620 SSDI-SDR620 Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR620 SSDI-SDR620 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR62059 SSDI-SDR62059 Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR62059S SSDI-SDR62059S Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SDR620

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RU0049B SSDI-RU0049B Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com