Electronic Components Datasheet Search
  English  ▼

X  

SDR953 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR953
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR953 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR953 Datasheet HTML 1Page - Solid States Devices, Inc SDR953 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0027B
DOC
Electrical Characteristic
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop 4/
(IF = 25 A, TA = 25ºC, 300µsec Pulse)
VF1
1.15
1.3
VDC
Instantaneous Forward Voltage Drop 4/
(IF = 50 A, TA = 25ºC, 300µsec Pulse)
VF2
1.35
1.5
VDC
Instantaneous Forward Voltage Drop
(IF = 25 A, TA = 100ºC, 300µsec Pulse)
VF3
1.10
1.25
VDC
Instantaneous Forward Voltage Drop
(IF = 25 A,TA = -55ºC, 300µsec Pulse)
VF4
1.20
1.40
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µs pulse min.)
IR1
20
200
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µs pulse min.)
IR2
2.5
10
mA
Junction Capacitance
(VR = 10 VDC, TA = 25ºC, f = 1 MHz)
CJ
100
250
pF
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25ºC)
tRR
30
35
nsec
CASE OUTLINE: SMD1
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR953S1
thru
SDR955S1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com