Electronic Components Datasheet Search
  English  ▼

X  

SDR30010 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR30010
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR30010 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR30010 Datasheet HTML 1Page - Solid States Devices, Inc SDR30010 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0149A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR30 __ H __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
G= Cerpack
Recovery Time H = Hyper Fast
Family/Voltage
010 = 100V
015 = 150V
020 = 200V
SDR30010HG
thru
SDR30020HG
30 AMP
HYPER FAST
RECTIFIER
100 - 200 VOLTS
35 nsec
FEATURES:
• Hyper Fast Recovery: 35 ns Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Power Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bonds
• TX, TXV, or Space Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR30010
SDR30015
SDR30020
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC= 100ºC)
IO
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25ºC)
IFSM
250
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.5
ºC/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Higher voltages available.
4/ Both anodes tied together.
Cerpack


Similar Part No. - SDR30010

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3004HF SSDI-SDR3004HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR3004MS SSDI-SDR3004MS Datasheet
166Kb / 2P
30A 80nsec 400 to 600 V Ultrafast Rectifier
SDR3004MTX SSDI-SDR3004MTX Datasheet
166Kb / 2P
30A 80nsec 400 to 600 V Ultrafast Rectifier
SDR3004MTXV SSDI-SDR3004MTXV Datasheet
166Kb / 2P
30A 80nsec 400 to 600 V Ultrafast Rectifier
SDR3004ZS SSDI-SDR3004ZS Datasheet
166Kb / 2P
30A 80nsec 400 to 600 V Ultrafast Rectifier
More results

Similar Description - SDR30010

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com