Electronic Components Datasheet Search
  English  ▼

X  

SDR75020 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR75020
Description  ULTRAFAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR75020 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR75020 Datasheet HTML 1Page - Solid States Devices, Inc SDR75020 Datasheet HTML 2Page - Solid States Devices, Inc SDR75020 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0148B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR75 __ U __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Bend Options (TO-254, Z)
DB = Down Bend
UB = Up Bend
Package
S1= SMD1
M = TO-254
Z = TO-254Z
Recovery Time
U = Ultra Fast
Family/Voltage
010 = 100V
015 = 150V
020 = 200V
SDR75010U
thru
SDR75020U
75 AMP
ULTRAFAST RECTIFIER
100 - 200 VOLTS
50 nsec
FEATURES:
 Ultra Fast Recovery: 45 ns typical
 High Surge Rating
 Low Reverse Leakage Current
 Low Junction Capacitance
 Hermetically Sealed Package, isolated
(TO-254, Z) or hot case (SMD1)
 Gold Eutectic Die Attach Available
 Ultrasonic Aluminum Wire Bonds
 TX, TXV, or Space Level Screening
Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR75010
SDR75015
SDR75020
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave, TC = 100ºC)
IO
75
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25ºC, per leg)
IFSM
350
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case, SMD1
Junction to Case, TO-254, Z
RθJC
1.0
1.2
ºC/W
NOTES:
1/ For ordering information, price, and
availability, contact factory.
2/ Screening based on MIL-PRF-19500.
Screening flows available on request.
3/ Higher voltages available.
SMD1
TO-254
TO-254Z


Similar Part No. - SDR75020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR75U20 SSDI-SDR75U20 Datasheet
94Kb / 3P
ULTRAFAST RECOVERY HIGH POWER RECTIFIER
SDR75U30 SSDI-SDR75U30 Datasheet
94Kb / 3P
ULTRAFAST RECOVERY HIGH POWER RECTIFIER
SDR75U40 SSDI-SDR75U40 Datasheet
94Kb / 3P
ULTRAFAST RECOVERY HIGH POWER RECTIFIER
SDR75U50 SSDI-SDR75U50 Datasheet
94Kb / 3P
ULTRAFAST RECOVERY HIGH POWER RECTIFIER
More results

Similar Description - SDR75020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com