Electronic Components Datasheet Search
  English  ▼

X  

SFF240J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF240J
Description  N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF240J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF240J Datasheet HTML 1Page - Solid States Devices, Inc SFF240J Datasheet HTML 2Page - Solid States Devices, Inc SFF240J Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00111B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF240 ___ ___
____
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration
__ = Normal
R = Reverse
Package3/
J = TO-257
SFF240J
SFF240JR
15 AMP, 200 Volts, 0.18 Ω
N-Channel Power MOSFET
Features:
Rugged construction with polysilicon gate
Low RDS(on) and high transconductance
Excellent high temperature stability
Very fast switching speed
Fast recovery and superior dv/dt performance
Increased reverse energy capability
Low input and transfer capacitance for easy
paralleling
Ceramic seals for improved hermeticity
Hermetically sealed package
TX, TXV, S-Level screening available
Replaces: IRFY240 and 2N7219 Types
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDS
200
V
Gate - Source Voltage
continuous
transient
VGS
±20
±30
V
Max. Continuous Drain Current (package
limited) @ 25ºC
ID1
15
A
Max. Instantaneous Drain Current (Tj limited)
TC = 25ºC
ID2
16
A
Max. Avalanche current
@ L = 0.1 mH
IAS
15
A
Single Pulse Avalanche Energy
@ L = 0.1 mH
EAS
450
mJ
Total Power Dissipation
@ TC = 25ºC
@ TC = 55ºC
PD
63
48
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
2
ºC/W
NOTES:
TO-257
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Maximum current limited by package configuration
4/ Unless otherwise specified, all electrical characteristics @25
oC.


Similar Part No. - SFF240J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF240J SSDI-SFF240J Datasheet
218Kb / 2P
15 AMP 200 Volts 0.20 OHM N-Channel POWER MOSFET
More results

Similar Description - SFF240J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com