Electronic Components Datasheet Search
  English  ▼

X  

MAX1077 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1077
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1077 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1077 Datasheet HTML 9Page - Maxim Integrated Products MAX1077 Datasheet HTML 10Page - Maxim Integrated Products MAX1077 Datasheet HTML 11Page - Maxim Integrated Products MAX1077 Datasheet HTML 12Page - Maxim Integrated Products MAX1077 Datasheet HTML 13Page - Maxim Integrated Products MAX1077 Datasheet HTML 14Page - Maxim Integrated Products MAX1077 Datasheet HTML 15Page - Maxim Integrated Products MAX1077 Datasheet HTML 16Page - Maxim Integrated Products MAX1077 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
1.5Msps, Single-Supply, Low-Power, True-
Differential, 10-Bit ADCs with Internal Reference
______________________________________________________________________________________
13
remains valid until tDHOLD after the following SCLK rising
edge. When using CPOL = 0 and CPHA = 0 or CPOL = 1
and CPHA = 1, the data is clocked into the µP on the
following rising edge. When using CPOL = 0 and CPHA
= 1 or CPOL = 1 and CPHA = 0, the data is clocked
into the µP on the next falling edge. See Figure 11 for
connections and Figures 12 and 13 for timing. See the
Timing Characteristics section to determine the best
mode to use.
QSPI
Unlike SPI, which requires two 1-byte reads to acquire
the 10 bits of data from the ADC, QSPI allows the mini-
mum number of clock cycles necessary to clock in the
data. The MAX1077/MAX1079 require 16 clock cycles
from the µP to clock out the 10 bits of data. Figure 14
shows a transfer using CPOL = 1 and CPHA = 1. The
conversion result contains three zeros, followed by the
10 data bits, 2 sub-bits, and a trailing zero with the data
in MSB-first format.
DSP Interface to the TMS320C54_
The MAX1077/MAX1079 can be directly connected
to the TMS320C54_ family of DSPs from Texas
Instruments, Inc. Set the DSP to generate its own
clocks or use external clock signals. Use either the
standard or buffered serial port. Figure 15 shows the
simplest interface between the MAX1077/MAX1079 and
the TMS320C54_, where the transmit serial clock
(CLKX) drives the receive serial clock (CLKR) and
SCLK
DOUT
916
8
1
D0
D9
D8
D6
D5
D4
D3
D2
D1
D7
HIGH-Z
HIGH-Z
CNVST
S1
S0
Figure 13. SPI/MICROWIRE Serial-Interface Timing—Continuous Conversion (CPOL = CPHA = 0), (CPOL = CPHA = 1)
0
0
0
D9D8D7
D6D5
D4D3
D2D1
D0
S1
S0
0
DOUT
SCLK
CNVST
0
1
1
14
16
Figure 12. SPI/MICROWIRE Serial-Interface Timing—Single Conversion (CPOL = CPHA = 0), (CPOL = CPHA = 1)
Figure 14. QSPI Serial-Interface Timing—Single Conversion (CPOL = 1, CPHA = 1)
SCLK
DOUT
CNVST
16
S0
S1
D9
D8
D4
D5
D6
D3
D2
D1
D0
HIGH-Z
D7
HIGH-Z
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com