Electronic Components Datasheet Search
  English  ▼

X  

SPA513 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPA513
Description  HIGH VOLTAGE RECTIFIER BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA513 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPA513 Datasheet HTML 1Page - Solid States Devices, Inc SPA513 Datasheet HTML 2Page - Solid States Devices, Inc SPA513 Datasheet HTML 3Page - Solid States Devices, Inc SPA513 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0012G
DOC
SPA513 Series
1 AMP, 15,000 to 20,000 VOLTS
HIGH VOLTAGE
RECTIFIER BRIDGE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
 Aerospace High Voltage Power Supply Applications
 Multiple High Voltage Transformer Rectification
 High Voltage Multiplier Design Using External Capacitors
 Low Mechanical Stress Design
 Excellent Thermal Resistance : 2.5ºC/W
 TX, TXV, and Space Level Screening Available
Consult Factory For:
 Higher Blocking Voltages
 Faster Switching Times
 Other Electrical Configurations
 Available with a sandblasted case to promote adhesion add
“SAB” suffix
Part Number/Ordering Information 1/
SPA513- __ __ __
└ Finish
__ = Standard Case
SAB = Sand Blasted Case
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = Space Level
Dash Number
3/
ELECTRICAL CHARACTERISTICS, Each Bridge Leg, @ TA = 25ºC (Unless Otherwise Specified)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Instantaneous Forward Voltage Drop
(IF = 1.0 A, 300 μsec Pulse Minimum)
VF1
7.5
V
Reverse Leakage
(VR = 2.5 kV, 300 μsec Pulse Minimum)
TA = 25ºC
TA = 100ºC
IR1
IR2
1.0
50
μA
Insulation Resistance
SPA513-02, -03, -04: All Terminals to Base @ 15 kV
SPA513-05, -06: All Terminals to Base @ 20 kV
RINSUL
10
GΩ
Reverse Recovery Time
(IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A)
trr
60
nsec
Notes: 1/ For ordering information, price, and availability- Contact factory.
2/ Screened based on MIL-PRF-19500. Screening flows available on request.
3/ For each dash number, refer to VR(MODULE) rating, schematic, and outline.
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse and DC Blocking Voltage 3/
(Module)
SPA513-02
SPA513-03
SPA513-04
SPA513-05
SPA513-06 (BR1)
SPA513-06 (BR2)
VR (MODULE)
15
17.5
20
20
12.5
10
kV
Peak Repetitive Reverse and DC Blocking Voltage
(Each Bridge)
TC = 55ºC
VR
3.3
kV
Average Rectified Forward Current
(Non-Repetitive, t = 8.3 msec Pulse)
IO
1
A
Peak Surge Current
(Non-Repetitive, t = 8.3 msec Pulse, TA = 25ºC)
IFSM
25
A
Storage & Operating Temperature Range
TOP & TSTG
-65 to +150
ºC
Thermal Resistance, Junction to Base
RθJB
2.5
ºC/W


Similar Part No. - SPA513

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA513 SSDI-SPA513 Datasheet
313Kb / 3P
1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
More results

Similar Description - SPA513

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
3QL5-500KV0.1A ANSHAN-3QL5-500KV0.1A Datasheet
184Kb / 2P
High voltage bridge rectifier
3QL5-500KV0.02A ANSHAN-3QL5-500KV0.02A Datasheet
183Kb / 2P
High voltage bridge rectifier
QLG5-400KV2.0A ANSHAN-QLG5-400KV2.0A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-400KV2.5A ANSHAN-QLG5-400KV2.5A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-500KV0.02A ANSHAN-QLG5-500KV0.02A Datasheet
190Kb / 2P
High voltage bridge rectifier
QLG5-500KV0.2A ANSHAN-QLG5-500KV0.2A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-500KV1.0A ANSHAN-QLG5-500KV1.0A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-500KV1.5A ANSHAN-QLG5-500KV1.5A Datasheet
186Kb / 2P
High voltage bridge rectifier
logo
GETAI ELECTRONICS DEVIC...
HVQL20MB050D GETEDZ-HVQL20MB050D_17 Datasheet
523Kb / 2P
High Voltage Bridge Rectifier
HVQL GETEDZ-HVQL Datasheet
294Kb / 2P
HIGH VOLTAGE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com