Electronic Components Datasheet Search
  English  ▼

X  

MAX3542 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3542
Description  Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3542 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3542 Datasheet HTML 9Page - Maxim Integrated Products MAX3542 Datasheet HTML 10Page - Maxim Integrated Products MAX3542 Datasheet HTML 11Page - Maxim Integrated Products MAX3542 Datasheet HTML 12Page - Maxim Integrated Products MAX3542 Datasheet HTML 13Page - Maxim Integrated Products MAX3542 Datasheet HTML 14Page - Maxim Integrated Products MAX3542 Datasheet HTML 15Page - Maxim Integrated Products MAX3542 Datasheet HTML 16Page - Maxim Integrated Products MAX3542 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Complete Single-Conversion
Television Tuner
______________________________________________________________________________________
13
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
TFS[7:0]
7–0
00001111*
Programs series capacitor values in the tracking filter.
Table 9. Tracking Filter Series Capacitor Register (Address: 0111b)
*See the
RF Tracking Filter section.
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
TFR[7:0]
7–0
00000000*
Tracking filter data bits read from the device’s ROM table.
Table 13. ROM Table Data Readback Register (Address: 1011b)
*See the
RF Tracking Filter section.
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
RESERVED
7–0
N/A
Reserved. Do not program these bits during normal operation.
Table 12. Reserved Register (Address: 1010b)
*See the
RF Tracking Filter section.
*See the
RF Tracking Filter section.
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
FLD
7
0
Filter load bit. A 0 to 1 transition of this bit forces the loading of the
ROM Table Data Readback register.
RESERVED
6
0
Must be set to 0.
TFP[5:0]
5–0
001001*
Programs parallel capacitor values in the tracking filter.
Table 10. Tracking Filter Parallel Capacitor Register (Address: 1000b)
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
RESERVED
7–4
0000
Must be set to 0000.
TFA[3:0]
3–0
0000*
Address bits of the ROM register to be read.
Table 11. Tracking Filter ROM Address Register (Address: 1001b)
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
POR
7
N/A
Power-on reset.
0 = Status register has been read
1 = Power reset since last status register read
LD[2:0]
6–4
N/A
VCO tuning voltage indicators.
000 = PLL not in lock, tune to the next lowest sub-band
001–110 = PLL in lock
111 = PLL not in lock, tune to the next higher sub-band
RESERVED
3–0
N/A
Reserved.
Table 14. Status Register (Address: 1100b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com