Electronic Components Datasheet Search
  English  ▼

X  

MAX4060 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4060 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4060 Datasheet HTML 7Page - Maxim Integrated Products MAX4060 Datasheet HTML 8Page - Maxim Integrated Products MAX4060 Datasheet HTML 9Page - Maxim Integrated Products MAX4060 Datasheet HTML 10Page - Maxim Integrated Products MAX4060 Datasheet HTML 11Page - Maxim Integrated Products MAX4060 Datasheet HTML 12Page - Maxim Integrated Products MAX4060 Datasheet HTML 13Page - Maxim Integrated Products MAX4060 Datasheet HTML 14Page - Maxim Integrated Products MAX4060 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
14
______________________________________________________________________________________
Selector Guide
PRODUCT*
AUXILIARY
INPUT
DIFF INPUT
GAIN
SINGLE-ENDED
INPUT
GAIN (dB)
MICROPHONE
BIAS
SHUTDOWN
MODE
SUPPLY
VOLTAGE
(V)
MAX4060
✔
20dB
20
✔
—
4.5 to 5.5
MAX4061
—
ADJ
—
—
✔
2.4 to 5.5
MAX4062
✔
ADJ
20
✔
—
2.4 to 5.5
Chip Information
PROCESS: BiCMOS
IN-
IN+
6
5
4
VCC
4.5V TO 5.5V
INT/AUX
1
OUT
2
GND
7
x10
VBIAS
x10
BIAS
3
AUX_IN
8
IN-
IN+
6
5
2
4
SHDN
VCC
2.4V TO 5.5V
OUT 3
GND
7
1
8
G1
G2
IN-
IN+
7
6
5
VCC
2.4V TO 5.5V
INT/AUX 2
OUT
3
GND
8
x10
VBIAS
BIAS
4
AUX_IN
8
1
10
G1
G2
MAX4061
MAX4062
MAX4060
Block Diagrams
*
See Block Diagrams.
PACKAGE
TYPE
PACKAGE
CODE
DOCUMENT
NO.
LAND PATTERN
NO.
8 TDFN
T833+2
21-0137
90-0059
8 μMAX
U8+1
21-0036
90-0092
10 μMAX
U10+2
21-0061
90-0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com