Electronic Components Datasheet Search
  English  ▼

X  

SPA612 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPA612
Description  THREE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA612 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPA612 Datasheet HTML 1Page - Solid States Devices, Inc SPA612 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0100A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPA612
__ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Recovery Time
__ = Standard Recovery
Voltage/Family
C = 400 V
D = 500 V
E = 600 V
SPA612 Series
150 A / 600 V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
 Average Output Current 150 Amps
 High temperature operation
 Anodized Aluminum Base
 High Power density 40 W / sq in
 TX, TXV & S Level Screening Available
 Standard, Fast, & Hyper Fast Versions Available.
Contact Factory.
 Higher Voltage Versions Available. Contact Factory.
Maximum Ratings3/
Symbol
Value
Units
Peak Inverse Voltage
SPA612C
SPA612D
SPA612E
PIV
400
500
600
Volts
Average Rectified Output Current
(TC = Case Temperature)
TC = 55°C
TC = 100°C
TC = 130°C
IO1
IO2
IO3
150
100
60
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TC = 25°C)
IFSM
1000
Amps
Operating & Storage Temperature
Top & Tstg
-65 to 150
ºC
Maximum Thermal Resistance, Junction to Case
RJC
0.4
ºC/W
Notes:
SPA612 Series
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25ºC.


Similar Part No. - SPA612

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SPA6191 CRYDOM-SPA6191 Datasheet
437Kb / 4P
PCB Mount
SPA6191 CRYDOM-SPA6191 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - SPA612

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA113 SSDI-SDA113_1 Datasheet
159Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA173HF SSDI-SDA173HF Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F_15 Datasheet
142Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018_15 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0106A SSDI-RA0106A_15 Datasheet
118Kb / 2P
Three Phase Bridge Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com