Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACQI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4802ACQI
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACQI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4802ACQI Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 12Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 13Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 14Page - Maxim Integrated Products MAX4802ACQI Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
______________________________________________________________________________________
13
SHIFT
REGISTER
LEVEL
SHIFTER
LEVEL
SHIFTER
DIN
CLK
DOUT
CLR
VNN
VPP
GND
COM0
NO0
COM7
NO7
LATCH
VDD
MAX4802A
RGND
LE
Functional Diagrams (continued)
12
13
14
15
16
17
18
1
2
3
426
27
28
19
20
21
22
23
24
25
5
6
7
8
9
10
11
NO5
NO6
COM6
NO7
COM7
DOUT
CLR
COM1
NO1
COM0
NO0
N.C.
VPP
N.C. (RGND)
MAX4800A
MAX4802A
() MAX4802A ONLY
PLCC
TOP VIEW
+
Pin/Bump Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com