Electronic Components Datasheet Search
  English  ▼

X  

MAX8902AATA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8902AATA
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902AATA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX8902AATA Datasheet HTML 1Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 2Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 3Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 4Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 5Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 6Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 7Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 8Page - Maxim Integrated Products MAX8902AATA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Bypass (BYP)
The capacitor connected from BYP to OUT filters the
noise of the reference, feedback resistors, and regula-
tor input stage and provides a high-speed feedback
path for improved transient response. A 0.01µF capaci-
tor rolls off input noise at approximately 32Hz.
The slew rate of the output voltage during startup is
also determined by the BYP capacitor. A 0.01µF
capacitor sets the slew rate to 5V / ms. This startup rate
results in a 50mA slew current drawn from the input at
startup to charge the 10µF output capacitance.
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
6
_______________________________________________________________________________________
VOLTAGE
SELECT
SELA
SELB
990k
Ω
OUTS
EA
BYP
OUT
GND
REF
0.6V
BYP
MAX8902A ONLY
FB
CONTROL
EN
THERMAL
PROTECTION
POK
IN
CURRENT
LIMIT
REVERSE
CURRENT
PROTECTION
MAX8902B ONLY
0.54V
MAX8902A
MAX8902B
Figure 1. Simplified Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com