Electronic Components Datasheet Search
  English  ▼

X  

MAX8902A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8902A
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902A Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX8902A Datasheet HTML 1Page - Maxim Integrated Products MAX8902A Datasheet HTML 2Page - Maxim Integrated Products MAX8902A Datasheet HTML 3Page - Maxim Integrated Products MAX8902A Datasheet HTML 4Page - Maxim Integrated Products MAX8902A Datasheet HTML 5Page - Maxim Integrated Products MAX8902A Datasheet HTML 6Page - Maxim Integrated Products MAX8902A Datasheet HTML 7Page - Maxim Integrated Products MAX8902A Datasheet HTML 8Page - Maxim Integrated Products MAX8902A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Input Capacitor
A 10µF ceramic capacitor is recommended for the
input. Select a capacitor that maintains its capacitance
over temperature and DC bias. Capacitors with X5R or
X7R temperature characteristics generally perform well.
Output Capacitor
A minimum of 10µF of capacitance is required at OUT
to ensure stability. Select a ceramic capacitor that
maintains its capacitance over temperature and DC
bias. Capacitors with X5R or X7R temperature charac-
teristics generally perform well.
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
8
_______________________________________________________________________________________
IN
EN
OUT
BYP
ON
OFF
OUTPUT
4.6V
SELB
SELA
OUTS
GND
EP
10
μF
INPUT
4.7V TO 5.5V
0.01
μF
10
μF
MAX8902A
Figure 2. MAX8902A Fixed-Output Application Circuit
IN
EN
OUT
BYP
ON
OFF
OUTPUT ADJUSTABLE
0.6V TO 5.3V
GS
POK
FB
GND
EP
10
μF
INPUT
1.7V TO 5.5V
0.01
μF
10
μF
MAX8902B
R1
R2
LOGIC
SUPPLY
R3
100k
Ω
TO
μC
Figure 3. MAX8902B Adjustable-Output Application Circuit
Chip Information
PROCESS: BiCMOS
TDFN
(2mm x 2mm)
TOP VIEW
1
2
8
7
3
4
6
5
OUTS
SELB
SELA
OUT
BYP
GND
EN
IN
MAX8902A
TDFN
(2mm x 2mm)
1
2
8
7
3
4
6
5
FB
POK
GS
OUT
BYP
GND
EN
IN
MAX8902B
EP
+
EP
+
EP = EXPOSED PADDLE.
Pin Configurations
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 TDFN-EP
T822+1
21-0168
90-0064



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com