Electronic Components Datasheet Search
  English  ▼

X  

MAX9645 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9645
Description  Low-Power Comparators with Precision Reference in 4-Bump UCSP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9645 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9645 Datasheet HTML 1Page - Maxim Integrated Products MAX9645 Datasheet HTML 2Page - Maxim Integrated Products MAX9645 Datasheet HTML 3Page - Maxim Integrated Products MAX9645 Datasheet HTML 4Page - Maxim Integrated Products MAX9645 Datasheet HTML 5Page - Maxim Integrated Products MAX9645 Datasheet HTML 6Page - Maxim Integrated Products MAX9645 Datasheet HTML 7Page - Maxim Integrated Products MAX9645 Datasheet HTML 8Page - Maxim Integrated Products MAX9645 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Power Comparators with Precision
Reference in 4-Bump UCSP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, RPULLUP = 10kΩ to VPULLUP = 3.3V for MAX9644/MAX9645, TA = -40°C to +85°C. Typical values at TA = +25°C, unless
otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, REF, IN to GND................................................-0.3V to +6V
OUT to GND (MAX9644/MAX9645)..........................-0.3V to +6V
OUT to GND (MAX9646 only) .................-0.3V to + (VCC + 0.3V)
Output Short-Circuit Current Duration ....................................10s
Input Current into Any Terminal........................................±20mA
Continuous Power Dissipation
4-Bump UCSP (derate 3.0mW/°C above +70°C) .......238 mW
5-Pin SOT23 (derate 3.9mW/°C above +70°C)...........312 mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering) Reflow............................+235°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Voltage Range
VIN
Guaranteed by IIN test
-0.3
+5.5
V
Input Bias Current
IIN
VIN = 0.2V to 5.5V (Note 2)
0.06
15
nA
Input Leakage Current
IIN_SHDN
VCC = 0, VIN = 5.5V (Note 2)
< 0.1
15
nA
ISINK = 50µA, VCC = 1.0V
0.03
0.2
ISINK = 200µA, VCC = 1.2V
0.08
0.20
ISINK = 500µA, VCC = 1.8V
0.13
0.23
ISINK = 0.75mA, VCC = 3.3V
0.14
0.3
Output Voltage Low
VOL
ISINK = 1.2mA, VCC = 5.5V
0.19
0.5
V
ISOURCE = 15µA, VCC = 1.0V
VCC - 0.08V
VCC - 0.2V
ISOURCE = 40µA, VCC = 1.2V
VCC - 0.08V
VCC - 0.20V
ISOURCE = 180µA, VCC = 1.8V
VCC - 0.15V
VCC - 0.23V
ISOURCE = 0.3mA, VCC = 3.3V
VCC - 0.13V
VCC - 0.3V
Output Voltage High
(MAX9464 Only)
VOH
ISOURCE = 0.75mA, VCC = 5.5V
VCC - 0.24V
VCC - 0.5V
V
Output Leakage Current
(MAX9644/MAX9645 Only)
IOUT_LEAKAGE
OUT = high, VPULLUP = 5.5V
(Note 2)
< 0.1
15
nA
AC CHARACTERISTICS
Propagation Delay
tPD
VOVERDRIVE = ±100mV (Note 3)
15
µs
Fall Time
tF
CL = 10pF
14
ns
Rise Time
tR
CL = 10pF, MAX9646 only
30
ns
REFERENCE VOLTAGE
MAX964_EBS+
200
Input Threshold (Note 4)
VREF
MAX964_EUK+
199
mV
TA = +25°C
-1
+1
Input Threshold Error
(Note 4)
Delta-VREF
TA = -40°C to +85°C
-3.5
+3.5
%
Input Threshold Hysteresis
VHYS
TA = -40°C to +85°C (Note 5)
±0.9
mV
REF Tempco
VREF_TEMPCO
(Note 6)
6
µV/°C
Power-Supply Rejection
Ratio
PSRR
VCC = 1.0V to 5.5V
40
53
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com