Electronic Components Datasheet Search
  English  ▼

X  

MAX11627EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11627EEE
Description  12-Bit, 300ksps ADCs with FIFO and Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11627EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11627EEE Datasheet HTML 1Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 2Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 3Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 4Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 5Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 6Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 7Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 8Page - Maxim Integrated Products MAX11627EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
12-Bit, 300ksps ADCs
with FIFO and Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX11627/MAX11629/MAX11633); VDD = +4.75V to +5.25V (MAX11626/MAX11628/MAX11632), fSAMPLE =
300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 2.5V (MAX11627//MAX11629/MAX11633); VREF = 4.096V (MAX11626/MAX11628/
MAX11632), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONVERSION RATE
External reference
0.8
Power-Up Time
tPU
Internal reference (Note 3)
65
µs
Acquisition Time
tACQ
0.6
µs
Internally clocked
3.5
Conversion Time
tCONV
Externally clocked (Note 4)
2.7
µs
Externally clocked conversion
0.1
4.8
External Clock Frequency
fSCLK
Data I/O
10
MHz
Aperture Delay
30
ns
Aperture Jitter
< 50
ps
ANALOG INPUT
Input Voltage Range
Unipolar
0
VREF
V
Input Leakage Current
VIN = VDD
±0.01
±1
µA
Input Capacitance
During acquisition time (Note 5)
24
pF
INTERNAL REFERENCE
MAX11626/MAX11628/MAX11632
4.024
4.096
4.168
REF Output Voltage
MAX11627/MAX11629/MAX11633
2.48
2.50
2.52
V
MAX11626/MAX11628/MAX11632
±20
REF Temperature Coefficient
TCREF
MAX11627/MAX11629/MAX11633
±30
ppm/°C
Output Resistance
6.5
k
REF Output Noise
200
µVRMS
REF Power-Supply Rejection
PSRR
-70
dB
EXTERNAL REFERENCE INPUT
REF Input Voltage Range
VREF
1.0
VDD+ 50mV
V
VREF = 2.5V (MAX11627/MAX11629/
MAX11633); VREF = 4.096V
(MAX11626/MAX11628/MAX11632),
fSAMPLE = 300ksps
40
100
REF Input Current
IREF
VREF = 2.5V (MAX11627/MAX11629/
MAX11633); VREF = 4.096V
(MAX11626/MAX11628/MAX11632),
fSAMPLE = 0
±0.1
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com