Electronic Components Datasheet Search
  English  ▼

X  

SDR600 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR600
Description  Ultra Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR600 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR600 Datasheet HTML 1Page - Solid States Devices, Inc SDR600 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR __ __
│
│
│
│
│
│
│
└
│
└ Screening 3/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage
600 = 50V
601 = 100V
602 = 200V
603 = 300V
604 = 400V
605 = 500 V
606 = 600V
607 = 700V
608 = 800V
SDR600
Thru
SDR608
15 A, 45-60 nsec, 50-800 V
Ultra Fast Rectifier
Features:
•
Ultra Fast Recovery: 45-60 nsec Maximum
•
Low Reverse Leakage Current
•
Single Chip Construction
•
PIV to 800 Volts
•
Hermetically Sealed
•
High Surge Rating
•
Low Thermal Resistance
•
Also available in 2 Pin TO-59 or TO-111
•
Isolated Package upon request
•
TX, TXV, and Space Level Screening
Available
Maximum Ratings 2/
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR600
SDR601
SDR602
SDR603
SDR604
SDR605
SDR606
SDR607
SDR608
VRRM
VRWM
VR
50
100
200
300
400
500
600
700
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA= 25°C)
IO
15
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA= 25°C)
IFSM
180
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
2.5
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @ 25ºC.
3/ Screened to MIL-PRF-19500.
DO-4:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0019C
DOC


Similar Part No. - SDR600

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR600 SSDI-SDR600 Datasheet
315Kb / 2P
15 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR60010 SSDI-SDR60010 Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
SDR60010HCT SSDI-SDR60010HCT Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
SDR60015 SSDI-SDR60015 Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
SDR60020 SSDI-SDR60020 Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
More results

Similar Description - SDR600

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com