Electronic Components Datasheet Search
  English  ▼

X  

SDR643CTS1 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR643CTS1
Description  Ultra Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR643CTS1 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR643CTS1 Datasheet HTML 1Page - Solid States Devices, Inc SDR643CTS1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0087D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SDR64 ___ CT
___ ___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
└
Package
S1= SMD1
│
│
│
│
│
│
└
Voltage/Family
3 = 300 V
4 = 400 V
5 = 500 V
6 = 600 V
7 = 700 V
SDR643CTS1
thru
SDR647CTS1
50 AMP
300-700 Volts
35 nsec
Ultra Fast
Centertap Rectifier
Features:
• Ultra Fast Recovery: 25 nsec typical
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Power Surface Mount Package
• Ceramic Seals Available
• Higher Currents & Voltages Available – Contact Factory
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR643CTS1
SDR644CTS1
SDR645CTS1
SDR646CTS1
SDR647CTS1
VRRM
VRWM
VR
300
400
500
600
700
Volts
Average Rectified Forward Current note 3
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
50
Amps
Peak Surge Current
note 3
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
500
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case, note 3
RθJC
2.00
1.20
ºC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500; contact factory for screening flow.
3/ Both legs tied together
*Also available in other packages: TO-254, TO-254Z, TO-257, and 28 Pin CLCC –
Consult Factory
SMD1


Similar Part No. - SDR643CTS1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDR643CTS1S SSDI-SDR643CTS1S Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDR643CTS1TX SSDI-SDR643CTS1TX Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDR643CTS1TXV SSDI-SDR643CTS1TXV Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
More results

Similar Description - SDR643CTS1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR55U080CT SSDI-SDR55U080CT Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RU0077 SSDI-RU0077 Datasheet
60Kb / 2P
Ultra Fast Recovery Centertap Rectifier
RU0119D SSDI-RU0119D Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RU0077 SSDI-RU0077_15 Datasheet
60Kb / 2P
Ultra Fast Recovery Centertap Rectifier
RU0089F SSDI-RU0089F_15 Datasheet
135Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RU0101 SSDI-RU0101_15 Datasheet
233Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0103 SSDI-RU0103_15 Datasheet
215Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0105 SSDI-RU0105_15 Datasheet
210Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0107 SSDI-RU0107_15 Datasheet
232Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0119D SSDI-RU0119D_15 Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com