Electronic Components Datasheet Search
  English  ▼

X  

SDR646CTM Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR646CTM
Description  ULTRAFAST CENTERTAP RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR646CTM Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR646CTM Datasheet HTML 1Page - Solid States Devices, Inc SDR646CTM Datasheet HTML 2Page - Solid States Devices, Inc SDR646CTM Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0089F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR64 __ CT __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package
M = TO-254
Z = TO-254Z
J = TO-257
│
│
│
└ Centertap – Common Cathode
└ Voltage
6 = 600 V
7 = 700 V
SDR646CTM, Z, & J
thru
SDR647CTM, Z, & J
40 Amp
ULTRAFAST
CENTERTAP RECTIFIER
600-700 Volts
60 nsec
Features:
• Ultrafast Recovery: 60nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Also Available in the following configurations:
Common Anode: SDR646CAM, CAZ, & CAJ
SDR647CAM, CAZ, & CAJ
• TX, TXV and Space Level Screening
Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR646
SDR647
VRRM
VRWM
VR
600
700
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC = 25°C)
3/
Io
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
3/
IFSM
400
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
3/
Junction to Case
4/
RθJC
2.0
3.5
ºC/W
TO-254 (M)
TO-254Z (Z)
TO-257 (J)


Similar Part No. - SDR646CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR646CTM SSDI-SDR646CTM Datasheet
120Kb / 2P
40AMPS 600 - 700 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
More results

Similar Description - SDR646CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA382A SSDI-SDA382A Datasheet
81Kb / 2P
10 AMPS, 50 - 70 nsec ULTRAFAST CENTERTAP RECTIFIER
SDR2410CTM SSDI-SDR2410CTM Datasheet
96Kb / 2P
24AMPS 1200 VOLTS 65 nsec ULTRAFAST CENTERTAP RECTIFIER
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0068 SSDI-RC0068_15 Datasheet
100Kb / 2P
ULTRAFAST CENTERTAP RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com