Electronic Components Datasheet Search
  English  ▼

X  

MAX16907RATE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16907RATE
Description  36V, 2.2MHz Step-Down Converter with Low Operating Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16907RATE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16907RATE Datasheet HTML 2Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 3Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 4Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 5Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 6Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 7Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 8Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 9Page - Maxim Integrated Products MAX16907RATE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX16907
36V, 2.2MHz Step-Down Converter
with Low Operating Current
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = VEN = 14V, VOUT = 5V, FB connected to VOUT, L1 = 2.2µH (Wurth 744311220), D1 = D360B-13-F (Diodes, Inc.),
TA = +25NC, unless otherwise noted.)
OUTPUT RESPONSE TO SLOW INPUT
RAMP (ILOAD = 3A)
MAX16907 toc13
VIN
VOUT
VLX
ILOAD
5V/div
10V/div
5A/div
10V/div
0A
0V
0V
0V
4s/div
5V/2.2MHz
SUP SHORTED TO SUPSW
LOAD DUMP TEST
(5V/2.2MHz)
MAX16907 toc12
VIN
VOUT
10V/div
5V/div
0V
0V
100ms/div
SUP SHORTED TO SUPSW
UNDERVOLTAGE PULSE
(5V/2.2MHz)
MAX16907 toc11
VIN
VOUT
VLX
VBIAS
5V/div
5V/div
5V/div
20V/div
0V
0V
0V
0V
10ms/div
RESISTIVE LOAD = 1.6I
FSYNC TRANSITION FROM INTERNAL TO EXTERNAL FREQUENCY
(3.3V/2.2MHz CONFIGURATION)
MAX16907 toc10
VLX
VFSYNC
5V/div
2V/div
0V
0V
200ns/div
fFSYNC = 2.475MHz
LOAD-TRANSIENT RESPONSE
(SKIP MODE)
MAX16907 toc09
VOUT
AC-COUPLED
ILOAD
50mV/div
100mA/div
0
100µs/div
5V/2.2MHz
LOAD-TRANSIENT RESPONSE
(5V/2.2MHz)
MAX16907 toc08
VOUT
AC-COUPLED
ILOAD
200mV/div
1A/div
0A
100µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com