Electronic Components Datasheet Search
  English  ▼

X  

SDR9310 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR9310
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR9310 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR9310 Datasheet HTML 1Page - Solid States Devices, Inc SDR9310 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0075C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR937/61
thru
SDR9312/61
Electrical Characteristics
Symbol
Typical
Maximum
Units
Instantaneous Forward Voltage Drop
(TA = 25°C, 300µs pulse)
IF = 15ADC
IF = 30ADC
VF1
VF2
1.8
2.0
2.0
2.2
VDC
Instantaneous Forward Voltage Drop
(TA = 125°C, 300µs pulse)
IF = 15ADC
VF3
1.4
1.5
VDC
Instantaneous Forward Voltage Drop
(TA = -55°C, 300µs pulse)
IF = 15ADC
VF4
1.85
2.1
VDC
Reverse Leakage Current
(Rated VR, TA = 25°C, 300µs pulse minimum)
IR1
20
100
µA
Reverse Leakage Current
(Rated VR, TA = 125°C, 300µs pulse minimum)
IR2
10
25
mA
Junction Capacitance
(TA = 25°C, f = 1MHz)
VR = 10VDC
CJ
80
100
pf
Reverse Recovery Time
(IF = 500mA, IR = 1 Amp, IRR = 250mA, TA = 25°C)
(IF = 10A, dIF/dt = 100A/µs)
tRR1
tRR2
45
70
60
100
nsec
CASE OUTLINE: 2 Pin TO-61
PIN OUT:
PIN 1: CATHODE
PIN 2: ANODE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com