Electronic Components Datasheet Search
  English  ▼

X  

STK4065 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4065
Description  Car Stereo Use Power Amplifier (25W min, THD = 10%)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4065 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4065 Datasheet HTML 1Page - Sanyo Semicon Device STK4065 Datasheet HTML 2Page - Sanyo Semicon Device STK4065 Datasheet HTML 3Page - Sanyo Semicon Device STK4065 Datasheet HTML 4Page - Sanyo Semicon Device STK4065 Datasheet HTML 5Page - Sanyo Semicon Device STK4065 Datasheet HTML 6Page - Sanyo Semicon Device STK4065 Datasheet HTML 7Page - Sanyo Semicon Device STK4065 Datasheet HTML 8Page - Sanyo Semicon Device STK4065 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STK4065
No. 2148—2/9
Operating Characteristics at Ta = 25
°C, R
L = 2Ω, Rg = 600Ω, VG = 46dB, VCC = 13.2V
* It is guaranteed that load short causes no damage for 2 seconds. In actual applications, the thermal shutdown protector provides sufficient guarantee against load
short. However, refer to “Notes for Applying the STK4065”, because the saturation current varies with the thermal resistance of the heat sink.
Equivalent Circuit Block Diagram
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
Rg = 10k
Ω
–
70
140
mA
Output power
PO(1)
THD = 10%, f = 1kHz
25
35
–
W
PO(2)
THD = 1%, f = 1kHz
–
25
–
W
PO(3)
THD = 10%, RL = 4Ω,
f = 1kHz
20
23
–
W
Total harmonic distortion
THD(1)
PO = 10W, f = 1kHz
–
0.06
0.1
%
THD(2)
PO = 1W, f = 20Hz to 20kHz
–
–
0.3
%
Voltage gain
VG
PO = 1W, f = 1kHz
43.8
46.0
48.2
dB
Frequency response
fL, fH
PO = 1W,
–
10 to 30k
–
Hz
Input impedance
ri
PO = 1W, f = 1kHz
20
30
–
k
Ω
Output noise voltage
VNO
Rg = 10k
Ω, without BPF
–
0.6
1.2
mVrms
Output offset voltage
∆V
N
Rg = 10k
Ω
−200
0
+200
mV
Muting suppression level
ATT
VM = +5V
–
∞
–
dB
Ripple rejection
SVRR
fR = 100Hz, Rg = 0Ω,
VR = 0dBm
–
–47
–
dB
+0
−3 dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com